Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9401 Datasheet(PDF) 2 Page - Sames

Part # SA9401
Description  UNIVERSAL PABX TONE GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9401 Datasheet(HTML) 2 Page - Sames

  SA9401 Datasheet HTML 1Page - Sames SA9401 Datasheet HTML 2Page - Sames SA9401 Datasheet HTML 3Page - Sames SA9401 Datasheet HTML 4Page - Sames SA9401 Datasheet HTML 5Page - Sames SA9401 Datasheet HTML 6Page - Sames SA9401 Datasheet HTML 7Page - Sames SA9401 Datasheet HTML 8Page - Sames SA9401 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
sames
SA9401
2
Package : PLCC - 44
SA9401
CLKIN
A6
A5
PCMFSC
DR-00603
3
4
5
6
8
79
10
A4
GND
A3
A2
A1
A0
CLK_SEL
40
41
42
43
44
1
2
36
37
39
38
PS2
15
11
14
13
12
16
17
21
18
19
20
WD_INT
A13
A12
31
35
34
33
32
26
24
22
23
25
27
28
30
29
TEST
A10
GND
A11
A9
A8
FS1
PIN DESCRIPTION
1, 23
I
GND
Supply Ground
12, 34
I
VCC
+5V Power Supply
27
I
FS1
Frame Synchronisation (active low)
6
I
CLKIN
Master clock input (either 8192kHz or 2048 Khz
dependent on logic level of "CLK _SEL")
8
O
2MCLK
2048 kHz clock derived internally from CLKIN
10
O
8KFS
8 kHz Frame Synchronisation output.
5
O
PCMFSC
8 kHz Auxilliary Frame Synchronisation Output
11
O
INTRFRQ
Square Wave Intrude Tone
13
O
INTRCAD
Intrude Tone Cadence Signal
15
O
PCM_OUT
Tri-state PCM Highway tone output
41, 42, 43, 44,
O
A0..A13
EPROM Address Lines
2, 3, 4, 39, 26,
25, 22, 24,
21, 20
Pin No
I/0
Designation
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com