Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9401 Datasheet(PDF) 7 Page - Sames

Part # SA9401
Description  UNIVERSAL PABX TONE GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9401 Datasheet(HTML) 7 Page - Sames

Back Button SA9401 Datasheet HTML 3Page - Sames SA9401 Datasheet HTML 4Page - Sames SA9401 Datasheet HTML 5Page - Sames SA9401 Datasheet HTML 6Page - Sames SA9401 Datasheet HTML 7Page - Sames SA9401 Datasheet HTML 8Page - Sames SA9401 Datasheet HTML 9Page - Sames SA9401 Datasheet HTML 10Page - Sames SA9401 Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
sames
SA9401
7
PCM Interface
The PCM Interface controls all aspects of the transfer of PCM signals onto the PCM
highway.
Eight-bit Tone Registers store the PCM tone samples and are updated once per PCM
frame. Before a PCM word is transmitted to the PCM highway the Tone Selector
determines whether or not the Cadence controller requires an OFF period. If so then a
specific PCM word for Silence (held in the Silence Register) is substituted for the tone
sample.
The actual transfer of the tone (or silence) samples to the PCM highway is the function
of the Injection Controller. Time Slot Registers indicate to which PCM time-slot the
sample is to be injected. These registers (one for each tone stream) comprise 5 ad-
dress bits and one (high-order) enabling bit. A Comparator checks if the Time Slot
Register contents match the current PCM time-slot and if so feeds the Tone Sample (or
Silence Sample) into the Parallel In Serial Out module and the required sample is
clocked out via the PCM_OUT pin. The PCM_OUT pin is enabled only when samples
are being clocked out (ie when the 5 least significant bits of the Time Slot Register
matches the current PCM Time Slot and the Time Slot Register MSB is Low) and is
held in a tri-state condition at all other times.
Watchdog Timer
The watchdog timer performs a function completely independently of the Universal Tone
Generator. Its operation is described below.
The watchdog timer comprises three I/O pins, viz;
WD_EN
-
an active low input which enables/disables the watchdog.
WD_RST -
a rising edge triggered input which resets the watchdog timer and
prevents the output from resetting the microprocessor.
WD_INT
-
an active low tri-state output which when active, resets a micro-
processor.
The watchdog timer operates as follows:
-
For the watchdog timer to operate, the WD_EN pin must be held low (i.e. active).
With the WD_EN pin held high, the WD_INT output remains tri-stated.
The delay between WD_EN going active and a WD_INT output is 2 seconds.
-
The timer is reset every time a rising edge is detected on the WD_RST pin. The
minimum pulse width of the WD_RST input is two CLKIN periods.
-
The WD_INT output comprises an active low pulse of 5 milliseconds followed by a
tri-state period of 1995 milliseconds (assuming no valid WD_RST pulse is detected
within 2 seconds of the previous WD_RST pulse).
The timing diagram for the Watchdog Timer is given in Figure 2. Note that although the
timebase for the Watchdog Timer is always 2048kHz, the WD-EN and WD-RST inputs
are strobed at the external clock rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com