Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9401 Datasheet(PDF) 11 Page - Sames

Part # SA9401
Description  UNIVERSAL PABX TONE GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9401 Datasheet(HTML) 11 Page - Sames

Back Button SA9401 Datasheet HTML 7Page - Sames SA9401 Datasheet HTML 8Page - Sames SA9401 Datasheet HTML 9Page - Sames SA9401 Datasheet HTML 10Page - Sames SA9401 Datasheet HTML 11Page - Sames SA9401 Datasheet HTML 12Page - Sames SA9401 Datasheet HTML 13Page - Sames SA9401 Datasheet HTML 14Page - Sames SA9401 Datasheet HTML 15Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
sames
SA9401
11
Tone Waveform
The frequency content of any desired tone is defined by taking one cycle of the tone
(which may be a simple or complex waveform) and calculating the series of PCM sam-
ples which would result if that tone were passed through a CODEC. The definition of a
waveform is perhaps best illustrated by way of an example.
Consider the case of a PTT dial tone which is a signal of 400Hz modulated at 33.33Hz
as illustrated in fig. 4 below. The first step is to identify the lowest frequency in the
composite signal, in this case 33.33Hz. Next the designer should confirm that one
cycle of the lower frequency component of the signal will contain an integer number of
cycles of the higher frequency component. In the example there are exactly 12 cycles
of the 400Hz signal contained within the one cycle of the modulating signal. If this is
not the case then the tone sample should be designed to contain two or more cycles of
the lower frequency tone, subject to the maximum of 512 samples. It is also typical to
take a block of the signal which starts and ends at two similar zero crossing points.
Although any arbitrary point in the waveform may be used a careless choice may lead
to the introduction of undesirable harmonics.
Having chosen a suitable tone sample it is possible to determine the value for CYCLE
as the size of the tone block is simply the number of samples (at 8k samples per
second) which fall into the waveform chosen. In the example CYCLE = 240 samples =
F0H.
1 / 33.3Hz = 30ms
30ms @ 8k SAMPLES / sec = 240 SAMPLES = CYCLE
1 / 400Hz = 2.5ms
FIGURE 4
400Hz Tone modulated at 33.33Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com