Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9401 Datasheet(PDF) 9 Page - Sames

Part # SA9401
Description  UNIVERSAL PABX TONE GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9401 Datasheet(HTML) 9 Page - Sames

Back Button SA9401 Datasheet HTML 5Page - Sames SA9401 Datasheet HTML 6Page - Sames SA9401 Datasheet HTML 7Page - Sames SA9401 Datasheet HTML 8Page - Sames SA9401 Datasheet HTML 9Page - Sames SA9401 Datasheet HTML 10Page - Sames SA9401 Datasheet HTML 11Page - Sames SA9401 Datasheet HTML 12Page - Sames SA9401 Datasheet HTML 13Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
sames
SA9401
9
5ms
2000ms
WD_EN
WD_INT
WD_RST
244ms
2000ms
5ms
2000ms
2000ms
DR-01119
The EPROM contents can be divided into two distinct sections. The smaller section
contains eight Programs, each of which would typically describe all the tones required
by a PABX used in a single country. Thus a single EPROM can be programmed to
cover up to eight different countries requirements.
The larger part of the EPROM is occupied by the sets of PCM samples which make up
the basic waveforms to be used by the SA9401 in creating the familiar supervisory
tones. Each of 16 waveforms can contain up to 511 samples of A or µ law samples.
Program
A single Program comprises one set of Initialisation Data, 8 PCM Tone Streams with
the associated Cadence, Timeslot and Waveform and one Intrude Tone with its asso-
ciated Cadence. Each individual variable is described below.
Initialisation
The Initialisation data describes parameters common to all the tones in a given plan.
Variable
bits
Composition
Description
CYCLE
9
CYCLE_HI
Identifies the number of samples in the
CYCLE_LO
Tone Block. (from 1 to 511)
SILENCE
8
The Silence sample to be used during
cadence period 1 and 3.
INTR
16
INTR_HI
The divisor used to generate the
INTR_LO
Intrude Tone Frequency.
PCM Tone Stream
The Tone Stream Data describes the characteristics of a specific PCM Tone. Note that
the length of the Cadence periods are defined in multiples of 5ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com