Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9401 Datasheet(PDF) 13 Page - Sames

Part # SA9401
Description  UNIVERSAL PABX TONE GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9401 Datasheet(HTML) 13 Page - Sames

Back Button SA9401 Datasheet HTML 8Page - Sames SA9401 Datasheet HTML 9Page - Sames SA9401 Datasheet HTML 10Page - Sames SA9401 Datasheet HTML 11Page - Sames SA9401 Datasheet HTML 12Page - Sames SA9401 Datasheet HTML 13Page - Sames SA9401 Datasheet HTML 14Page - Sames SA9401 Datasheet HTML 15Page - Sames SA9401 Datasheet HTML 16Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
sames
SA9401
13
DC Characteristics
T
A
= 0 to 70°C; V
DD
= 5V ± 5%; V
SS
= OV
Parameter
Symbol
Min.
Max.
Unit
Test Conditions
L-input voltage
V
IL
1.0
V
V
DD
= 5V
H-input voltage
V
IH
4.0
V
DD+0.3
V
V
DD = 5V
L-input voltage
V
OL
0.5
V
I
OL
= 0.1mA
H-output voltage
V
OH
4.5
V
I
OH = 0.1mA
Operating Frequency
2.273
MHz
V
DD
= 5V
Input leakage current
I
LI
-10
10
µA
0V < V
IN < VDD
Output leakage current
I
LO
-10
10
µA
0V < V
OUT
< V
DD
Characteristics
T
A = 25°C;
V
DD = 5V ±5%;
V
SS = OV
Parameter
Symbol
Min.
Max.
Unit
Input capacitance
C
IN
10
pF
Output capacitance
C
OUT
15
pF
I/O
C
IO
20
pF
Limit Values
Limit Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com