Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6B0708 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # S6B0708
Description  64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6B0708 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button S6B0708 Datasheet HTML 3Page - Samsung semiconductor S6B0708 Datasheet HTML 4Page - Samsung semiconductor S6B0708 Datasheet HTML 5Page - Samsung semiconductor S6B0708 Datasheet HTML 6Page - Samsung semiconductor S6B0708 Datasheet HTML 7Page - Samsung semiconductor S6B0708 Datasheet HTML 8Page - Samsung semiconductor S6B0708 Datasheet HTML 9Page - Samsung semiconductor S6B0708 Datasheet HTML 10Page - Samsung semiconductor S6B0708 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD
S6B0708
7
PAD DESCRIPTION
POWER SUPPLY
Name
I/O Type
Description
VDD
Supply
Power supply. connect to MPU power supply pin VCC
VSS
Supply
Ground
VEE
Supply
For LCD driver circuit
V0, V1
V2, V3
V4, V5
Supply
LCD driver supply voltages
The voltages must satisfy the following relationship
VDD
≥ V0 ≥ V1 ≥ V2 ≥ V3 ≥ V4 ≥ V5 ≥ VEE
OSCILLATOR
Name
I/O Type
Description
C
CR
R
O
I
O
RC oscillator
- Internal clock
S6B0708
C
R
CR
Cf
Rf
- External clock
S6B0708
CR
C
R
Open
Open
External
clock
FS
I
Frequency selection
When the frame frequency is 70Hz, the oscillation frequency should be as the
following table.
FS
H
L
Oscillation Frequency
Fosc = 430kHz
Fosc = 215kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com