Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6B0708 Datasheet(PDF) 24 Page - Samsung semiconductor

Part # S6B0708
Description  64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6B0708 Datasheet(HTML) 24 Page - Samsung semiconductor

Back Button S6B0708 Datasheet HTML 20Page - Samsung semiconductor S6B0708 Datasheet HTML 21Page - Samsung semiconductor S6B0708 Datasheet HTML 22Page - Samsung semiconductor S6B0708 Datasheet HTML 23Page - Samsung semiconductor S6B0708 Datasheet HTML 24Page - Samsung semiconductor S6B0708 Datasheet HTML 25Page - Samsung semiconductor S6B0708 Datasheet HTML 26Page - Samsung semiconductor S6B0708 Datasheet HTML 27Page - Samsung semiconductor S6B0708 Datasheet HTML 28Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
S6B0708
64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX
LCD
24
AC Characteristics(VDD = 4.5 to 5.5V, Ta = -30 to +85
°C)
Mode
Item
Symbol
Min
Typ
Max
Unit
Write mode
E cycle time
t
cyc
1000
-
-
ns
(refer to figure 6) E rise/fall time
t
r, tf
-
-
25
E pulse width high
t
PWH
450
-
-
RW and RS setup time
t
AS
140
-
-
RW and RS hold time
t
AH
10
-
-
Data setup time
t
DS
200
-
-
Data hold time
t
DH
10
-
-
Read mode
E cycle time
t
cyc
1000
-
-
ns
(refer to figure 7) E rise/fall time
t
r, tf
-
-
25
E pulse width high
t
PWH
450
-
-
RW and RS setup time
t
AS
140
-
-
RW and RS hold time
t
AH
10
-
-
Data setup time
t
DS
-
320
Data hold time
t
DH
20
-
-
VIH1
VIL1
tAS
VIL1
tAH
VIL1
tAH
tf
tPWH
tDH
VIH1
VIL1
tf
VIH1
VIL1
Valid Data
VIH1
VIL1
tcyc
DB0 - DB7
E
RW
RS
tDS
VIL1
VIH1
VIL1
Figure 6. Write Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com