Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6B0708 Datasheet(PDF) 22 Page - Samsung semiconductor

Part # S6B0708
Description  64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6B0708 Datasheet(HTML) 22 Page - Samsung semiconductor

Back Button S6B0708 Datasheet HTML 18Page - Samsung semiconductor S6B0708 Datasheet HTML 19Page - Samsung semiconductor S6B0708 Datasheet HTML 20Page - Samsung semiconductor S6B0708 Datasheet HTML 21Page - Samsung semiconductor S6B0708 Datasheet HTML 22Page - Samsung semiconductor S6B0708 Datasheet HTML 23Page - Samsung semiconductor S6B0708 Datasheet HTML 24Page - Samsung semiconductor S6B0708 Datasheet HTML 25Page - Samsung semiconductor S6B0708 Datasheet HTML 26Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
S6B0708
64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX
LCD
22
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Unit
Note
Operating voltage
V
DD
-0.3 - +7.0
V
(1)
Supply voltage
V
EE
VDD-19.0 - VDD+0.3
(4)
Driver supply voltage
V
B
-0.3 - VDD+0.3
(1), (3)
V
LCD
VEE-0.3 - VDD+0.3
(2)
NOTES:
1.
Based on Vss = 0V
2.
VLCD = VDD - VEE
3.
Applies to SHL, FS, PCLK2, CR, RESETB, ADC, CS1B, CS2B, E, RW, RS and DB0 - DB7.
4.
Voltage level VDD
≥ V0 ≥ V1 ≥ V2 ≥ V3 ≥ V4 ≥ V5 ≥ VEE
TEMPERATURE CHARACTERISTICS
Parameter
Symbol
Rating
Unit
Note
Operating temperature
Topr
-30 - +85
°C
Storage temperature
Tstg
-55 - +125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com