Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6B0708 Datasheet(PDF) 23 Page - Samsung semiconductor

Part # S6B0708
Description  64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6B0708 Datasheet(HTML) 23 Page - Samsung semiconductor

Back Button S6B0708 Datasheet HTML 19Page - Samsung semiconductor S6B0708 Datasheet HTML 20Page - Samsung semiconductor S6B0708 Datasheet HTML 21Page - Samsung semiconductor S6B0708 Datasheet HTML 22Page - Samsung semiconductor S6B0708 Datasheet HTML 23Page - Samsung semiconductor S6B0708 Datasheet HTML 24Page - Samsung semiconductor S6B0708 Datasheet HTML 25Page - Samsung semiconductor S6B0708 Datasheet HTML 26Page - Samsung semiconductor S6B0708 Datasheet HTML 27Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD
S6B0708
23
ELECTRICAL CHARACTERISTICS
DC Characteristics(VDD = 4.5 to 5.5V, Ta = -30 to +85
°C)
Item
Symbol
Condition
Min
Typ
Max
Unit
Note
Operating voltage
VDD
-
4.5
-
5.5
V
Input high voltage
VIH1
-
0.7VDD
-
VDD
(1)
VIH2
-
2.0
-
VDD
(2)
Input low voltage
VIL1
-
0
-
0.3VDD
(1)
VIL2
-
0
-
0.8
(2)
Output high voltage
VOH
IOH = -200uA
2.4
-
-
(3)
Output low voltage
VOL
IOL = 1.6mA
-
-
0.4
Input leakage current
ILKG
VIN = VSS - VDD
-1.0
-
+1.0
µA
(4)
Tri-state leakage current
ITSL
VIN = VSS - VDD
-5.0
-
+5.0
(5)
Driver input leakage current
IDLKG
VIN = VEE - VDD
-10
-
+10
(6)
Operating current
IDD1
During display
-
-
0.8
mA
(7)
IDD2
During access
-
-
1.0
(8)
On resistance
COM
RONC
ILOAD =
± 0.1mA
-
-
1.5
k
Ω
(9)
SEG
RONS
-
-
7.5
(10)
Oscillation frequency
fosc
Ta = 25
°C, VDD = 5V
Rf = 47k
Ω ± 2%
Cf = 20pF
± 5%
315
450
585
kHz
NOTES:
1.
FS, CR, ADC, SHL, PCLK2, RESETB
2.
CS1B, CS2B, E, RW, RS, DB0 - DB7
3.
DB0 - DB7
4.
Excepted DB0 - DB7
5.
DB0 - DB7 at high impedance
6.
V0, V1, V2, V3, V4, V5
7.
C = 20pF, R = 47k
Ω, fose = 450kHz, DB0 - DB7 = VDD, output = No load
8.
External clock = 430kHz, RAM access cycle = 1MHz
9.
V0 = 5V, V1 = 3.2V, V2 = 1.4V, V3 = -8.4V, V4 = -10.2V, V5 = -12V, C1 - C64
10. V0 = 5V, V1 = 3.2V, V2 = 1.4V, V3 = -8.4V, V4 = -10.2V, V5 = -12V, S1 - S128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com