Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6B0708 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # S6B0708
Description  64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6B0708 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button S6B0708 Datasheet HTML 4Page - Samsung semiconductor S6B0708 Datasheet HTML 5Page - Samsung semiconductor S6B0708 Datasheet HTML 6Page - Samsung semiconductor S6B0708 Datasheet HTML 7Page - Samsung semiconductor S6B0708 Datasheet HTML 8Page - Samsung semiconductor S6B0708 Datasheet HTML 9Page - Samsung semiconductor S6B0708 Datasheet HTML 10Page - Samsung semiconductor S6B0708 Datasheet HTML 11Page - Samsung semiconductor S6B0708 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
S6B0708
64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX
LCD
8
MICROPROCESSOR INTERFACE
Name
I/O Type
Description
CS1B
I
First chip(S1 ~ S64) select input.
Data input/output is enabled via E, RS, RW, and DB[0:7]when CS1B = Low.
CS2B
I
Second chip(S65 ~ S128) select input.
Data input/output is enabled via E, RS, RW, and DB[0:7] when CS2B = Low.
RS
I
Register selection
RS
H
L
Description
The data in DB[7:0] is display data.
The data in DB[7:0] is control data.
RW
I
Read or write
RW
H
L
Description
Data appears at DB[7:0] when E = high.
Display data DB[7:0] can be written at falling edge of E.
E
Enable signal.
E
H
L
Description
Read data in DB[7:0] appears while E = high.
Display data DB[7:0] is latched at falling edge of E.
DB0 - DB7
I/O
Data bus [0 - 7]
Bi-directional data bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com