Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6B0708 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S6B0708
Description  64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6B0708 Datasheet(HTML) 1 Page - Samsung semiconductor

  S6B0708 Datasheet HTML 1Page - Samsung semiconductor S6B0708 Datasheet HTML 2Page - Samsung semiconductor S6B0708 Datasheet HTML 3Page - Samsung semiconductor S6B0708 Datasheet HTML 4Page - Samsung semiconductor S6B0708 Datasheet HTML 5Page - Samsung semiconductor S6B0708 Datasheet HTML 6Page - Samsung semiconductor S6B0708 Datasheet HTML 7Page - Samsung semiconductor S6B0708 Datasheet HTML 8Page - Samsung semiconductor S6B0708 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD
S6B0708
1
INTRODUCTION
S6B0708 is a single-chip LCD driver IC for liquid crystal dot-matrix graphic display systems. It incorporates 192
driver circuit for 64 common and 128 segment and 64 x 128-bit bit-map RAM. It is capable of interfacing with the
microprocessor, accepting 8-bit parallel display data directly from it, and storing data in an one chip display data
RAM. And it generates internal signals for using LCD driving independent of microprocessor clock.
FEATURES
•
64-channel common & 128-channel segment driver for dot matrix LCD
•
On-chip display data RAM: 64
× 128 = 8192bits
•
Display data is stored in display data RAM from MPU
- RAM bit data: ON(1), OFF(0)
•
Internal timing generator circuit for dynamic display
•
8-bit parallel bi-directional data bus
•
Applicable LCD duty: 1/64
•
Power supply voltages: Power supply voltage range: 4.5 - 5.5V (VDD)
•
LCD driving voltage range: 8.0 - 17.0V (VLCD = VDD-VEE)
•
Wide operating temperature range: Ta = -30
°C - 85°C
•
High voltage CMOS process
•
Gold bumped chip available


Similar Part No. - S6B0708

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0715 SAMSUNG-S6B0715 Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-B0CY SAMSUNG-S6B0715A01-B0CY Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-B0CZ SAMSUNG-S6B0715A01-B0CZ Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-XXX0 SAMSUNG-S6B0715A01-XXX0 Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A11-B0CY SAMSUNG-S6B0715A11-B0CY Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
More results

Similar Description - S6B0708

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8578 PHILIPS-PCF8578 Datasheet
323Kb / 44P
LCD row/column driver for dot matrix graphic displays
1998 Sep 08
PCF8579 PHILIPS-PCF8579 Datasheet
287Kb / 40P
LCD column driver for dot matrix graphic displays
1997 Apr 01
logo
Toshiba Semiconductor
T7932 TOSHIBA-T7932 Datasheet
887Kb / 20P
COLUMN DRIVER LSI FOR A DOT MATRIX GRAPHIC LCD
logo
Samsung semiconductor
KS0708 SAMSUNG-KS0708 Datasheet
212Kb / 27P
64COM/128SEG DRIVE FOR DOT MATRIX LCD
logo
Toshiba Semiconductor
T6K34 TOSHIBA-T6K34 Datasheet
53Kb / 2P
Row Driver LSI for Dot Matrix Graphic LCD
T6K01 TOSHIBA-T6K01 Datasheet
238Kb / 13P
COLUMN DRIVER LSI FOR A DOT MATRIX GRAPHIC LCD
T6B65AFG TOSHIBA-T6B65AFG Datasheet
472Kb / 15P
Column Driver LSI for Dot Matrix Graphic LCD?셲
logo
NXP Semiconductors
PCF8579 NXP-PCF8579 Datasheet
260Kb / 41P
LCD column driver for dot matrix graphic displays
Rev. 05-11 May 2009
PCF8578 NXP-PCF8578 Datasheet
284Kb / 46P
LCD row/column driver for dot matrix graphic displays
Rev. 06-5 May 2009
PCF8578 PHILIPS-PCF8578_03 Datasheet
261Kb / 48P
LCD row/column driver for dot matrix graphic displays
2003 Apr 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com