Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6B0708 Datasheet(PDF) 17 Page - Samsung semiconductor

Part # S6B0708
Description  64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6B0708 Datasheet(HTML) 17 Page - Samsung semiconductor

Back Button S6B0708 Datasheet HTML 13Page - Samsung semiconductor S6B0708 Datasheet HTML 14Page - Samsung semiconductor S6B0708 Datasheet HTML 15Page - Samsung semiconductor S6B0708 Datasheet HTML 16Page - Samsung semiconductor S6B0708 Datasheet HTML 17Page - Samsung semiconductor S6B0708 Datasheet HTML 18Page - Samsung semiconductor S6B0708 Datasheet HTML 19Page - Samsung semiconductor S6B0708 Datasheet HTML 20Page - Samsung semiconductor S6B0708 Datasheet HTML 21Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD
S6B0708
17
LCD DRIVER
LCD driver circuit has 192 outputs of 128 segment outputs, 64 common outputs for LCD driving. Each common
output has a shift register. LCD driving output voltage is determined by the combination of display data and
internal AC signal.
Display Data
Common Output
Segment Output
V1
V2
0
V4
V3
V5
V0
1
V0
V5
Display Off
-
V2 or V3
RESET CIRCUIT
Reset function can initialize system by setting RESETB terminal at low level. When RESETB becomes low,
following procedure occurs.
•
Display start line: 0 (first)
•
Display on/off: Off
While RESETB is in low level, no instruction except status read can be accepted. Reset status appears at DB4.
Refers to read status of "instruction description"
The conditions of power supply at initial power up are shown in table 5.
Table 5. Power supply initial conditions.
Item
Symbol
Min
Typ
Max
Unit
Reset time
tRESETB
1.0
-
-
s
Rise time
tr
-
-
200
ns
tr
VDD
RESETB
tRESETB
0.7VD D
0.3VD D
Figure 5. Reset timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com