Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 253 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 253 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 249Page - ATMEL Corporation AT90PWM3 Datasheet HTML 250Page - ATMEL Corporation AT90PWM3 Datasheet HTML 251Page - ATMEL Corporation AT90PWM3 Datasheet HTML 252Page - ATMEL Corporation AT90PWM3 Datasheet HTML 253Page - ATMEL Corporation AT90PWM3 Datasheet HTML 254Page - ATMEL Corporation AT90PWM3 Datasheet HTML 255Page - ATMEL Corporation AT90PWM3 Datasheet HTML 256Page - ATMEL Corporation AT90PWM3 Datasheet HTML 257Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 361 page
background image
253
4317J–AVR–08/10
AT90PWM2/3/2B/3B
As soon as a conversion is requested thanks to the ADSC bit, the Analog to Digital Conversion
is started. In case the amplifier output is modified during the sample phase of the ADC, the on-
going conversion is aborted and restarted as soon as the output of the amplifier is stable. This
ensure a fast response time. The only precaution to take is to be sure that the trig signal (PSC)
frequency is lower than ADCclk/4.
Figure 21-16. Amplifier synchronization timing diagram for AT90PWM2B/3B
With change on analog input signal
Figure 21-17. Amplifier synchronization timing diagram for AT90PWM2B/3B
ADSC is set when the amplifier output is changing due to the amplifier clock
switch.
Valid sample
Delta V
4th stable sample
Signal to be
measured
AMPLI_clk
(Sync Clock)
CK ADC
PSCn_ASY
PSC
Block
ADSC
ADC
Activity
ADC
ADC
Sampling
ADC
Conv
ADC
Sampling
ADC
Conv
ADCResult
Ready
ADCResult
Ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com