Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 255 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 255 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 251Page - ATMEL Corporation AT90PWM3 Datasheet HTML 252Page - ATMEL Corporation AT90PWM3 Datasheet HTML 253Page - ATMEL Corporation AT90PWM3 Datasheet HTML 254Page - ATMEL Corporation AT90PWM3 Datasheet HTML 255Page - ATMEL Corporation AT90PWM3 Datasheet HTML 256Page - ATMEL Corporation AT90PWM3 Datasheet HTML 257Page - ATMEL Corporation AT90PWM3 Datasheet HTML 258Page - ATMEL Corporation AT90PWM3 Datasheet HTML 259Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 361 page
background image
255
4317J–AVR–08/10
AT90PWM2/3/2B/3B
The block diagram of the two amplifiers is shown on Figure 21-18.
Figure 21-18. Amplifiers block diagram
21.10 Amplifier Control Registers
The configuration of the amplifiers are controlled via two dedicated registers AMP0CSR and
AMP1CSR. Then the start of conversion is done via the ADC control and status registers.
The conversion result is stored on ADCH and ADCL register which contain respectively the most
significant bits and the less significant bits.
21.10.1
Amplifier 0 Control and Status register – AMP0CSR
AMP0TS1AMP0TS0
AMP0EN AMP0IS AMP0G1 AMP0G0
AMP0CSR
+
-
AMP0+
AMP0-
Toward ADC MUX
(AMP0)
Sampling
Clock
ADCK/8
01
10
01
00
ASY0
ASY1
ASY2
--
AMP1TS1AMP1TS0
AMP1EN AMP1IS AMP1G1 AMP1G0
AMP1CSR
+
-
AMP1+
AMP1-
Toward ADC MU
(AMP1)
Sampling
Clock
ADCK/8
01
10
01
00
ASY0
ASY1
ASY2
--
Bit
7
654
3
2
1
0
AMP0EN
AMP0IS
AMP0G1
AMP0G0
-
-
AMP0TS1
AMP0TS0
AMP0CSR
Read/Write
R/W
R/W
R/W
R/W
-
-
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com