Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 257 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 257 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 253Page - ATMEL Corporation AT90PWM3 Datasheet HTML 254Page - ATMEL Corporation AT90PWM3 Datasheet HTML 255Page - ATMEL Corporation AT90PWM3 Datasheet HTML 256Page - ATMEL Corporation AT90PWM3 Datasheet HTML 257Page - ATMEL Corporation AT90PWM3 Datasheet HTML 258Page - ATMEL Corporation AT90PWM3 Datasheet HTML 259Page - ATMEL Corporation AT90PWM3 Datasheet HTML 260Page - ATMEL Corporation AT90PWM3 Datasheet HTML 261Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 361 page
background image
257
4317J–AVR–08/10
AT90PWM2/3/2B/3B
Set this bit to short-circuit the Amplifier 1 input.
Clear this bit to normally use the Amplifier 1.
• Bit 5, 4– AMP1G1, 0: Amplifier 1 Gain Selection Bits
These 2 bits determine the gain of the amplifier 0.
The different setting are shown in Table 21-10.
To ensure an accurate result, after the gain value has been changed, the amplifier input needs
to have a quite stable input value during at least 4 Amplifier synchronization clock periods.
• Bit 1, 0– AMP1TS1, AMP1TS0: Amplifier 1 Trigger Source Selection Bits
In accordance with the Table 21-11, these 2 bits select the event which will generate the trigger
for the amplifier 1. This trigger source is necessary to start the conversion on the amplified
channel.
Table 21-10. Amplifier 1 Gain Selection
AMP1G1
AMP1G0
Description
00
Gain 5
01
Gain 10
10
Gain 20
11
Gain 40
Table 21-11. AMP1 Auto Trigger source selection
AMP1TS1
AMP1TS0
Description
0
0
Auto synchronization on ADC Clock/8
0
1
Trig on PSC0ASY
1
0
Trig on PSC1ASY
1
1
Trig on PSC2ASY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com