Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 258 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 258 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 254Page - ATMEL Corporation AT90PWM3 Datasheet HTML 255Page - ATMEL Corporation AT90PWM3 Datasheet HTML 256Page - ATMEL Corporation AT90PWM3 Datasheet HTML 257Page - ATMEL Corporation AT90PWM3 Datasheet HTML 258Page - ATMEL Corporation AT90PWM3 Datasheet HTML 259Page - ATMEL Corporation AT90PWM3 Datasheet HTML 260Page - ATMEL Corporation AT90PWM3 Datasheet HTML 261Page - ATMEL Corporation AT90PWM3 Datasheet HTML 262Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 361 page
background image
258
4317J–AVR–08/10
AT90PWM2/3/2B/3B
22. Digital to Analog Converter - DAC
22.1
Features
• 10 bits resolution
• 8 bits linearity
• +/- 0.5 LSB accuracy between 150mV and AVcc-150mV
• Vout = DAC*Vref/1023
• The DAC could be connected to the negative inputs of the analog comparators and/or to a
dedicated output driver.
• Output impedance around 100 Ohm.
The AT90PWM2/2B/3/3B features a 10-bit Digital to Analog Converter. This DAC can be used
for the analog comparators and/or can be output on the D2A pin of the microcontroller via a ded-
icated driver.
This allows to drive (worst case) a 1nF capacitance in parallel with a resistor higher than 33K
load with a time constant around 1us. Response time and power consumption are improved by
reducing the load (reducing the capacitor value and increasing the load resistor value (The best
case is a high impedance)).
The DAC has a separate analog supply voltage pin, AV
CC. AVCC must not differ more than ±
0.3V from V
CC. See the paragraph “ADC Noise Canceler” on page 240 on how to connect this
pin.
The reference voltage is the same as the one used for the ADC, See “ADC Multiplexer Register
– ADMUX” on page 246.
. These nominally 2.56V Vref or AV
CC are provided On-chip. The volt-
age reference may be externally decoupled at the AREF pin by a capacitor for better noise
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com