Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 302 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 302 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 298Page - ATMEL Corporation AT90PWM3 Datasheet HTML 299Page - ATMEL Corporation AT90PWM3 Datasheet HTML 300Page - ATMEL Corporation AT90PWM3 Datasheet HTML 301Page - ATMEL Corporation AT90PWM3 Datasheet HTML 302Page - ATMEL Corporation AT90PWM3 Datasheet HTML 303Page - ATMEL Corporation AT90PWM3 Datasheet HTML 304Page - ATMEL Corporation AT90PWM3 Datasheet HTML 305Page - ATMEL Corporation AT90PWM3 Datasheet HTML 306Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 361 page
background image
302
4317J–AVR–08/10
AT90PWM2/3/2B/3B
26.4
Maximum Speed vs. V
CC
Maximum frequency is depending on V
CC. As shown in Figure 26-2 , the Maximum Frequency
equals 8Mhz when V
CC is contained between 2.7V and 4.5V and equals 16Mhz when VCC is
contained between 4.5V and 5.5V.
Figure 26-2. Maximum Frequency vs. V
CC, AT90PWM2/2B/3/3B
26.5
PLL Characteristics
.
Note:
While connected to external clock or external oscillator, PLL Input Frequency must be selected to
provide outputs with frequency in accordance with driven parts of the circuit (CPU core, PSC...)
Safe Operating Area
16Mhz
8Mhz
2.7V
5.5V
4.5V
Table 26-3.
PLL Characteristics - V
CC = 2.7V to 5.5V (unless otherwise noted)
Symbol
Parameter
Min.
Typ.
Max.
Units
PLLIF
Input Frequency
0.5
1
2
MHz
PLLF
PLL Factor
64
PLLLT
Lock-in Time
64
µS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com