Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 306 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 306 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 302Page - ATMEL Corporation AT90PWM3 Datasheet HTML 303Page - ATMEL Corporation AT90PWM3 Datasheet HTML 304Page - ATMEL Corporation AT90PWM3 Datasheet HTML 305Page - ATMEL Corporation AT90PWM3 Datasheet HTML 306Page - ATMEL Corporation AT90PWM3 Datasheet HTML 307Page - ATMEL Corporation AT90PWM3 Datasheet HTML 308Page - ATMEL Corporation AT90PWM3 Datasheet HTML 309Page - ATMEL Corporation AT90PWM3 Datasheet HTML 310Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 361 page
background image
306
4317J–AVR–08/10
AT90PWM2/3/2B/3B
Notes:
1. On AT90PWM2B/3B, this value will be close to the value at 500kHz.
2. 125KHz when input signal is synchronous with amplifier clock.
Zero Error (Offset)
Single Ended Conversion
VCC = 4.5V, VREF = 4V
ADC clock = 1MHz
-4
0
LSB
Single Ended Conversion
VCC = 4.5V, VREF = 4V
ADC clock = 500 kHz
-2
2.5
LSB
Differential Conversion
V
CC = 4.5V, V
REF = 4V
ADC clock = 1MHz
-0.5
-0.5
LSB
Differential Conversion
VCC = 4.5V, VREF = 4V
ADC clock = 500 kHz
-0.5
-0.5
LSB
Conversion Time
Single Conversion
8
320
µs
Clock Frequency
50
2000
kHz
AVCC
Analog Supply Voltage
VCC - 0.3
VCC + 0.3
V
VREF
Reference Voltage
Single Ended Conversion
2.0
AVCC
V
Differential Conversion
2.0
AVCC - 0.2
V
VIN
Input voltage
Single Ended Conversion
GND
VREF
Differential Conversion
-VREF/Gain
+VREF/Gain
Input bandwidth
Single Ended Conversion
38.5
kHz
Differential Conversion
4(2)
kHz
V
INT
Internal Voltage Reference
2.52
2.56
2.6
V
RREF
Reference Input Resistance
30
k
Ω
RAIN
Analog Input Resistance
100
M
Ω
I
HSM
Increased Current
Consumption
High Speed Mode
Single Ended Conversion
380
µA
Table 26-5.
ADC Characteristics - T
A = -40°C to +105°C, VCC = 2.7V to 5.5V (unless otherwise noted) (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com