Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 305 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 305 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 301Page - ATMEL Corporation AT90PWM3 Datasheet HTML 302Page - ATMEL Corporation AT90PWM3 Datasheet HTML 303Page - ATMEL Corporation AT90PWM3 Datasheet HTML 304Page - ATMEL Corporation AT90PWM3 Datasheet HTML 305Page - ATMEL Corporation AT90PWM3 Datasheet HTML 306Page - ATMEL Corporation AT90PWM3 Datasheet HTML 307Page - ATMEL Corporation AT90PWM3 Datasheet HTML 308Page - ATMEL Corporation AT90PWM3 Datasheet HTML 309Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 361 page
background image
305
4317J–AVR–08/10
AT90PWM2/3/2B/3B
26.7
ADC Characteristics
Table 26-5.
ADC Characteristics - T
A = -40°C to +105°C, VCC = 2.7V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Resolution
Single Ended Conversion
10
Bits
Differential Conversion
8
Bits
Absolute accuracy
Single Ended Conversion
V
REF = 2.56V
ADC clock = 500 kHz
2.5
3
LSB
Single Ended Conversion
V
REF = 2.56V
ADC clock = 1MHz
6 (*)
7
LSB
Single Ended Conversion
V
REF = 2.56V
ADC clock = 2MHz
20
LSB
Differential Conversion
VREF = 2.56V
ADC clock = 500 kHz
23
LSB
Differential Conversion
VREF = 2.56V
ADC clock = 1MHz
3 (1)
4LSB
Integral Non-linearity
Single Ended Conversion
V
CC = 4.5V, V
REF = 2.56V
ADC clock = 1MHz
1.1
1.5
LSB
Single Ended Conversion
V
CC = 4.5V, V
REF = 2.56V
ADC clock = 500 kHz
0.6
1
LSB
Differential Conversion
VCC = 4.5V, VREF = 2.56V
ADC clock = 1MHz
1.5
2
LSB
Differential Conversion
V
CC = 4.5V, V
REF = 2.56V
ADC clock = 500 kHz
11.5
LSB
Differential Non-linearity
Single Ended Conversion
V
CC = 4.5V, V
REF = 4V
ADC clock = 1MHz
0.4
0.6
LSB
Single Ended Conversion
VCC = 4.5V, VREF = 4V
ADC clock = 500 kHz
0.3
0.5
LSB
Differential Conversion
V
CC = 4.5V, V
REF = 4V
ADC clock = 1MHz
0.5
0.8
LSB
Differential Conversion
V
CC = 4.5V, V
REF = 4V
ADC clock = 500 kHz
0.4
0.8
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com