Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC653 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC653
Description  Light Management Unit with 2 LDOs and SemPulse짰Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC653 Datasheet(HTML) 4 Page - Semtech Corporation

  SC653 Datasheet HTML 1Page - Semtech Corporation SC653 Datasheet HTML 2Page - Semtech Corporation SC653 Datasheet HTML 3Page - Semtech Corporation SC653 Datasheet HTML 4Page - Semtech Corporation SC653 Datasheet HTML 5Page - Semtech Corporation SC653 Datasheet HTML 6Page - Semtech Corporation SC653 Datasheet HTML 7Page - Semtech Corporation SC653 Datasheet HTML 8Page - Semtech Corporation SC653 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SC653
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Charge Pump Electrical Specifications (continued)
1x Mode to 1.5x Mode
Falling Transition Voltage
V
TRANS1x
I
OUT
= 40mA, I
BLn
= 10mA, V
OUT
= 3.2V
3.27
V
1.5x Mode to 1x Mode Hysteresis
V
HYST1x
I
OUT
= 40mA, I
BLn
= 10mA, V
OUT
= 3.2V
250
mV
1.5x Mode to 2x Mode
Falling Transition Voltage
V
TRANS1.5x
I
OUT
= 40mA, I
BLn
= 10mA, V
OUT
= 4.0V(5)
2.92
V
2x Mode to 1.5x Mode Hysteresis
V
HYST1.5x
I
OUT
= 40mA, I
BLn
= 10mA, V
OUT
= 4.0V(5)
300
mV
Current Sink Off-State
Leakage Current
I
BLn
V
IN
= V
BLn
= 4.2V
0.1
1
μA
Pump Frequency
f
PUMP
V
IN
= 3.2V
250
kHz
LDO Electrical Specifications
LDO1 Voltage Setting
V
LDO1
Range of nominal settings in 100mV increments
1.5
3.3
V
LDO2 Voltage Setting
V
LDO2
Range of nominal settings in 100mV increments
1.2
1.8
V
LDO1, LDO2 Output
Voltage Accuracy
ΔV
LDO
I
LDOn
= 1mA, T
A
= 25°C, 2.9V ≤ V
IN
≤ 4.2V
-3
+3
%
I
LDOn
= 1mA to 100mA, 2.9V ≤ V
IN
≤ 4.2V
-3.5
±3
+3.5
%
Line Regulation
ΔV
LINE
I
LDO1
= 1mA, V
OUT
= 2.8V
2.1
7.2
mV
I
LDO2
= 1mA, V
OUT
= 1.8V
1.3
4.8
Load Regulation
ΔV
LOAD
V
LDO1
= 3.3V, I
LDO1
= 1mA to 100 mA
25
mV
V
LDO2
= 1.8V, I
LDO2
= 1mA to 100 mA
20
Dropout Voltage(6)
V
D
I
LDO1
= 150mA
150
200
mV
Power Supply Rejection Ratio
PSRR
LDO1
1.5V < V
LDO1
< 3.0V, f < 1kHz, C
BYP
= 22nF,
I
LDO1
= 50mA with 0.5V
P-P
supply ripple
55
dB
PSRR
LDO2
1.2V < V
LDO2
, f < 1kHz, C
BYP
= 22nF, I
LDO2
= 50mA,
with 0.5V
P-P
supply ripple
60
Output Voltage Noise
e
n-LDO1
LDO1, 10Hz < f < 100kHz, C
BYP
= 22nF, C
LDOn
= 1μF,
I
LDO1
= 50 mA, 1.5V < V
LDO1
< 3.0V
100
μV
RMS
e
n-LDO2
LDO2, 10Hz < f < 100kHz, C
BYP
= 22nF, C
LDO
= 1μF,
I
LDO2
= 50 mA
50
Minimum Output Capacitor
C
LDO(MIN)
1μF
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com