Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC653 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC653
Description  Light Management Unit with 2 LDOs and SemPulse짰Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC653 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC653 Datasheet HTML 3Page - Semtech Corporation SC653 Datasheet HTML 4Page - Semtech Corporation SC653 Datasheet HTML 5Page - Semtech Corporation SC653 Datasheet HTML 6Page - Semtech Corporation SC653 Datasheet HTML 7Page - Semtech Corporation SC653 Datasheet HTML 8Page - Semtech Corporation SC653 Datasheet HTML 9Page - Semtech Corporation SC653 Datasheet HTML 10Page - Semtech Corporation SC653 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SC653
7
Typical Characteristics (continued)
PSRR vs. Frequency — 1.8V
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
Frequency (Hz)
VIN = 3.7V, IOUT = 50mA, TA = 25°C
Line Regulation (LDO2)
ILDO1 = 1mA, VLDO1 = 1.2V and 1.8V, 25°C
-1.5
-1
-0.5
0
0.5
1
1.5
2.7
3
3.3
3.6
3.9
4.2
VIN(V)
1.8V
1.2V
PSRR vs. Frequency — 2.8V
Line Regulation (LDO1)
LDO Noise vs. Load Current — 1.8V
0
20
40
60
80
100
020
40
60
80
100
IOUT (mA)
VLDO=1.8V, VIN=3.7V, 25°C, 10Hz < f < 100kHz
LDO Noise vs. Load Current — 2.8V
0
20
40
60
80
100
0
30
60
90
120
150
IOUT (mA)
VLDO=2.8V, VIN=3.7V, 25°C, 10Hz < f < 100kHz
VIN = 3.7V, IOUT = 50mA, TA = 25°C
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
Frequency (Hz)
-3
-2
-1
0
1
2
3
2.7
3
3.3
3.6
3.9
4.2
VIN(V)
ILDO1 = 1mA, VLDO1 = 2.8V, 25°C
2.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com