Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC653 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC653
Description  Light Management Unit with 2 LDOs and SemPulse짰Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC653 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC653 Datasheet HTML 14Page - Semtech Corporation SC653 Datasheet HTML 15Page - Semtech Corporation SC653 Datasheet HTML 16Page - Semtech Corporation SC653 Datasheet HTML 17Page - Semtech Corporation SC653 Datasheet HTML 18Page - Semtech Corporation SC653 Datasheet HTML 19Page - Semtech Corporation SC653 Datasheet HTML 20Page - Semtech Corporation SC653 Datasheet HTML 21Page - Semtech Corporation SC653 Datasheet HTML 22Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
SC653
19
Register and Bit Definitions (continued)
Backlight Enable Control Register (01h)
This register is used to enable the backlight current
sinks.
BLEN[D4:D1]
These bits are used to enable current sinks (active high,
default low).
BLEN_4 — Enable bit for backlight BL4
BLEN_3 — Enable bit for backlight BL3
BLEN_2 — Enable bit for backlight BL2
BLEN_1 — Enable bit for backlight BL1
When enabled, the current sinks will carry the current set
by the backlight current control bits BL[4:0], as shown in
Table 1.
LDO1 Control Register (02h)
This register is used to enable LDO1 and set the output
voltage V
LDO1
.
LDO1[D3:D0]
These bits set the output voltage, V
LDO1
, as shown in
Table 2.
Table 2 — LDO1 Control Bits
LDO1_3
LDO1_2
LDO1_1
LDO1_0
V
LDO1
0000
OFF
0001
3.3V
0010
3.2V
0011
3.1V
0100
3.0V
0101
2.9V
0110
2.8V
0111
2.7V
1000
2.6V
1001
2.5V
1010
2.4V
1011
2.2V
1100
1.8V
1101
1.7V
1110
1.6V
1111
1.5V
LDO2 Control Register (03h)
This register is used to enable the LDO2 and to set the
output voltage V
LDO2
.
LDO2[D2:D0]
These bits are used to set the output voltage, V
LDO2
, as
shown in Table 3.
Table 3 — LDO2 Control Bits
LDO2_2
LDO2_1
LDO2_0
V
LDO2
0
0
0
OFF
0
0
1
1.8V
0
1
0
1.7V
0
1
1
1.6V
1
0
0
1.5V
1
0
1
1.4V
1
1
0
1.3V
1
1
1
1.2V
Fade Control Register (04h)
This register is used to enable the backlight fade and to
set the rise and fall rate at which fading proceeds.
FADE[D2:D1]
These bits are used to set the rise/fall rate between two
backlight currents as shown in Table 4.
Table 4 — Fade Control Bits
FADE_1
FADE_0
Fade Feature Rise/Fall Rate
(ms/step)
0
0
32
01
24
10
16
11
8
The number of steps in changing the backlight current
will be equal to the change in binary count of bits
BL[4:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com