Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC653 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC653
Description  Light Management Unit with 2 LDOs and SemPulse짰Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC653 Datasheet(HTML) 5 Page - Semtech Corporation

  SC653 Datasheet HTML 1Page - Semtech Corporation SC653 Datasheet HTML 2Page - Semtech Corporation SC653 Datasheet HTML 3Page - Semtech Corporation SC653 Datasheet HTML 4Page - Semtech Corporation SC653 Datasheet HTML 5Page - Semtech Corporation SC653 Datasheet HTML 6Page - Semtech Corporation SC653 Datasheet HTML 7Page - Semtech Corporation SC653 Datasheet HTML 8Page - Semtech Corporation SC653 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SC653
5
Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Digital I/O Electrical Specifications (SPIF, ENL1, ENL2)
Input High Threshold(7)
V
IH
V
IN
= 5.5V
1.6
V
Input Low Threshold(7)
V
IL
V
IN
= 3.0V
0.4
V
Input High Current
I
IH
V
IN
= 5.5V
-1
+1
μA
Input Low Current
I
IL
V
IN
= 5.5V
-1
+1
μA
SemPulse Electrical Specifications (SPIF)
SemPulse Start-up Time(8)
t
SU
1ms
Bit Pulse Duration(7)
t
HI
0.75
250
μs
Duration Between Bits(7)
t
LO
0.75
250
μs
Hold Time - Address(7)
t
HOLDA
SPIF is held high
500
5000
μs
Hold Time - Data(7)
t
HOLDD
SPIF is held high
500
μs
Bus Reset Time(7)
t
BR
SPIF is held high
10
ms
Shutdown Time(9)
t
SD
SPIF is pulled low
10
ms
Fault Protection
Output Short Circuit Current Limit
I
OUT(SC)
OUT pin shorted to GND
250
mA
LDO Current Limit
I
LIM
V
LDOn
enabled
200
mA
Over-Temperature
T
OTP
Rising threshold
165
°C
T
HYS
Hysteresis
30
°C
Charge Pump
Over-Voltage Protection
V
OVP
OUT pin open circuit, V
OUT
= V
OVP
rising threshold
5.3
5.7
6.0
V
Under Voltage Lockout
V
UVLO-OFF
Increasing V
IN
2.7
V
V
UVLO-HYS
Hysteresis
800
mV
Notes:
(1)
ΔV
F
is the voltage difference between any two LEDs.
(2)
SPIF is high for more than 10ms
(3)
Subscript n = 1 and 2 for the LDOs, and n = 1, 2, 3, and 4 for the backlights.
(4)
Current matching equals ± [I
BL(MAX)
- I
BL(MIN
] / [I
BL(MAX)
+ I
BL(MIN)
].
(5)
Test voltage is V
OUT
= 4.0V — a relatively extreme LED voltage — to force a transition during test. Typically V
OUT
= 3.2V for white LEDs.
(6)
Dropout is defined as (V
IN
- V
LDO1
) when V
LDO1
drops 100mV from nominal. Dropout does not apply to LDO2 since it has a maximum output voltage
of 1.8V.
(7)
The source driver used to provide the SemPulse output must meet these limits.
(8)
The SemPulse start-up time is the minimum time that the SPIF pin must be held high to enable the part before starting communication.
(9)
The SemPulse shutdown time is the minimum time that the SPIF pin must be pulled low to shut the part down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com