Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC653 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC653
Description  Light Management Unit with 2 LDOs and SemPulse짰Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC653 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC653 Datasheet HTML 9Page - Semtech Corporation SC653 Datasheet HTML 10Page - Semtech Corporation SC653 Datasheet HTML 11Page - Semtech Corporation SC653 Datasheet HTML 12Page - Semtech Corporation SC653 Datasheet HTML 13Page - Semtech Corporation SC653 Datasheet HTML 14Page - Semtech Corporation SC653 Datasheet HTML 15Page - Semtech Corporation SC653 Datasheet HTML 16Page - Semtech Corporation SC653 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
SC653
13
Applications Information (continued)
Backlight Quiescent Current
The quiescent current required to operate all four back-
lights is reduced by 1.5mA when backlight current is set
to 4.0mA or less. This feature results in higher efficiency
under light-load conditions. Fur ther reduction
in quiescent current will result from using fewer than four
LEDs.
Fade-In and Fade-Out
The SC653 contains bits that control the fade state of the
main bank. When enabled, the fade function causes the
backlight settings to step from their current state to the
next programmed state as soon as the new state is stored
in its register. For example, if the backlight is set at 25mA
and the next setting is the off state, the backlight will step
from 25mA down to 0mA using all 29 settings at the fade
rate specified by the bits in register 04h. The same is true
when turning on or increasing the backlight current —
the backlight current will step from the present level to
the new level at the step rate defined in register 04h. This
process applies for both the main and the sub displays.
The fade rate may be changed dynamically when a fade
operation is active by writing new values to the fade reg-
ister. When a new backlight level is written during an
ongoing fade operation, the fade will be redirected to the
new value from the present state. An ongoing fade opera-
tion may be cancelled by disabling fade which will result
in the backlight current changing immediately to the final
value. If fade is disabled, the current level will change
immediately without the fade delay. The state diagram in
Figure 1 describes all possible conditions for a fade opera-
tion. More details can be found in the Register Map
Section.
Write FADE=0
Write new
bright level
FADE=0
No change
Write
FADE=0
FADE=1
Fade
processing(1)
Write new
bright
level
Write new
bright level
Fade is redirected
toward the new
value from current
state
Fade
begins
Fade
ends
Write
FADE=1
FADE=1
FADE=0
Immediate
change to
new bright
level
Fade=0
Write
Fade=1
No
change
Write
FADE=1
No
change
Immediate
change to new
bright level
Write
new fade
rate
Continue
fade using
new rate
Note:
(1) When the data in backlight
enable register 01h is not 00h
Figure 1 — Fade State Diagram
Programmable LDO Outputs
Two low dropout (LDO) regulators are provided for
camera module I/O and core power. Each LDO output
voltage setting has ±3.5% accuracy over the operating
temperature range. Output current greater than the
specification is possible at somewhat reduced accuracy.
Input pins ENL1 and ENL2 may be used to directly enable
and disable the LDOs without communication via the
SPIF interface. When power is first applied to the SC653,
the register defaults reset the LDOs to the off state, so
SPIF must be used one time to set the voltages before
ENL1 and ENL2 can be used to enable the LDOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com