Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC653 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC653
Description  Light Management Unit with 2 LDOs and SemPulse짰Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC653 Datasheet(HTML) 1 Page - Semtech Corporation

  SC653 Datasheet HTML 1Page - Semtech Corporation SC653 Datasheet HTML 2Page - Semtech Corporation SC653 Datasheet HTML 3Page - Semtech Corporation SC653 Datasheet HTML 4Page - Semtech Corporation SC653 Datasheet HTML 5Page - Semtech Corporation SC653 Datasheet HTML 6Page - Semtech Corporation SC653 Datasheet HTML 7Page - Semtech Corporation SC653 Datasheet HTML 8Page - Semtech Corporation SC653 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© 2009 Semtech Corporation
POWER MANAGEMENT
1
SC653
Light Management Unit with
2 LDOs and SemPulse
® Interface
Features
Input supply voltage range — 2.9V to 5.5V
Four programmable current sinks with 29 steps from
0mA to 25mA
Very high efficiency charge pump driver system with
three modes — 1x, 1.5x and 2x
Two programmable 200mA low-noise LDO regulators
Charge pump frequency — 250kHz
SemPulse single wire interface
Backlight current accuracy — ±1.5% typical
Backlight current matching — ±0.5% typical
Fade-in/fade-out feature for main backlight
Automatic sleep mode (LEDs off ) — I
Q
= 100μA
Shutdown current — 0.1μA (typical)
Ultra-thin package — 2.3 x 2.3 x 0.6 (mm)
Lead-free and halogen-free
WEEE and RoHS compliant
Applications
Cellular phones, smart phones, and PDAs
LCD modules
Portable media players
Digital cameras and GPS units
Display backlighting and LED indicators
Description
The SC653 is a highly integrated light management unit
that provides two low-noise LDOs, a multi-mode high
efficiency charge pump, and four programmable LED
drivers. Performance is optimized for use in single-cell Li-
ion battery applications.
The load and supply conditions determine whether the
charge pump operates in 1x, 1.5x, or 2x mode. A program-
mable fading feature can be enabled to gradually adjust
the backlight current, simplifying control software. The
low-dropout, low-noise linear regulators can be used for
powering a camera module or other peripheral circuits.
The SC653 uses the proprietary SemPulse
® single wire
interface. This interface controls all functions of the device,
including backlight currents and LDO voltage outputs.
The single wire interface minimizes microcontroller and
interface pin counts.
The SC653 enters sleep mode when all the LED drivers are
disabled. In this mode, the quiescent current is reduced
while the device continues to monitor the SemPulse inter-
face. The two LDOs can be enabled when the device is in
sleep mode.
SC653
IN
SPIF
BYP
GND1
GND2
OUT
BL1
CIN
2.2μF
MAIN BACKLIGHT
LDO1
C1+
SemPulse
Interface
VLDO1 = 1.5V to 3.3V
VLDO2 = 1.2V to 1.8V
COUT
2.2μF
CLDO2
1μF
CLDO1
1μF
C2
2.2μF
C1
2.2μF
LDO2
BL2
BL3
BL4
C2+
C1-
C2-
ENL1
ENL2
VBAT = 2.9V to 5.5V
GND1
GND2
GND1
CBYP
22nF
GND1
GND2
GND2
GND2
US Patents: 6,504,422; 6,794,926
Typical Application Circuit
October 21, 2009


Similar Part No. - SC653

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC652 SEMTECH-SC652 Datasheet
287Kb / 16P
Backlight Driver for 5 LEDs with Charge Pump and PWM Control
logo
SHENZHEN FUMAN ELECTRON...
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
LCD driver IC
logo
Semtech Corporation
SC652EVB SEMTECH-SC652EVB Datasheet
287Kb / 16P
Backlight Driver for 5 LEDs with Charge Pump and PWM Control
SC652ULTRT SEMTECH-SC652ULTRT Datasheet
287Kb / 16P
Backlight Driver for 5 LEDs with Charge Pump and PWM Control
SC654 SEMTECH-SC654 Datasheet
270Kb / 22P
Light Management Unit for 6 LEDs with SemPulseTM Interface
More results

Similar Description - SC653

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC624 SEMTECH-SC624 Datasheet
288Kb / 22P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and SemWireTM Interface
SC624A SEMTECH-SC624A Datasheet
295Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and I2C Interface
SC622 SEMTECH-SC622 Datasheet
300Kb / 21P
LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
SC622A SEMTECH-SC622A Datasheet
313Kb / 23P
LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
SC622 SEMTECH-SC622_09 Datasheet
301Kb / 21P
LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWire Interface
SC622A SEMTECH-SC622A_09 Datasheet
308Kb / 23P
LED Light Management Unit Charge Pump, 400mA Flash LED,Dual LDOs,and I2C Interface
SC624 SEMTECH-SC624_09 Datasheet
295Kb / 22P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and SemWireTM Interface
SC624A SEMTECH-SC624A_09 Datasheet
302Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and I2C Interface
SC643 SEMTECH-SC643 Datasheet
355Kb / 26P
Light Management Unit with 4 LDOs and SemPulse짰Interface
SC644 SEMTECH-SC644 Datasheet
609Kb / 26P
Light Management Unit with 4 LDOs and SemPulse짰Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com