Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC653 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC653
Description  Light Management Unit with 2 LDOs and SemPulse짰Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC653 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC653 Datasheet HTML 2Page - Semtech Corporation SC653 Datasheet HTML 3Page - Semtech Corporation SC653 Datasheet HTML 4Page - Semtech Corporation SC653 Datasheet HTML 5Page - Semtech Corporation SC653 Datasheet HTML 6Page - Semtech Corporation SC653 Datasheet HTML 7Page - Semtech Corporation SC653 Datasheet HTML 8Page - Semtech Corporation SC653 Datasheet HTML 9Page - Semtech Corporation SC653 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SC653
6
Typical Characteristics
Battery Current (4 LEDs) — 25mA Each
80
100
120
140
160
180
2.7
3
3.3
3.6
3.9
4.2
VIN(V)
VOUT = 3.56V, IOUT = 100mA, 25°C
Backlight Efficiency (4 LEDs) — 12mA Each
Backlight Efficiency ( 4 LEDs) — 5.0mA Each
Battery Current ( 4 LEDs) — 5.0mA Each
Battery Current (4 LEDs) — 12mA Each
Backlight Efficiency (4 LEDs) — 25mA Each
40
50
60
70
80
90
2.7
3
3.3
3.6
3.9
4.2
VIN(V)
VOUT = 3.41V, IOUT = 48mA, 25°C
0
10
20
30
40
50
2.7
3
3.3
3.6
3.9
4.2
VIN(V)
VOUT = 3.27V, IOUT = 20mA, 25°C
50
60
70
80
90
100
2.7
3
3.3
3.6
3.9
4.2
VIN(V)
VOUT = 3.56V, IOUT = 100mA, 25°C
50
60
70
80
90
100
2.7
3
3.3
3.6
3.9
4.2
VIN(V)
VOUT = 3.41V, IOUT = 48mA, 25°C
50
60
70
80
90
100
2.7
3
3.3
3.6
3.9
4.2
VIN(V)
VOUT = 3.27V, IOUT = 20mA, 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com