Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11206 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX11206
Description  20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11206 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX11206 Datasheet HTML 9Page - Maxim Integrated Products MAX11206 Datasheet HTML 10Page - Maxim Integrated Products MAX11206 Datasheet HTML 11Page - Maxim Integrated Products MAX11206 Datasheet HTML 12Page - Maxim Integrated Products MAX11206 Datasheet HTML 13Page - Maxim Integrated Products MAX11206 Datasheet HTML 14Page - Maxim Integrated Products MAX11206 Datasheet HTML 15Page - Maxim Integrated Products MAX11206 Datasheet HTML 16Page - Maxim Integrated Products MAX11206 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
______________________________________________________________________________________ 13
20-Bit, Single-Channel, Ultra-Low-Power, Delta-
Sigma ADCs with Programmable Gain and GPIO
It is not always necessary to transition to a high-imped-
ance state between channel selections, but depends on
the source analog signals as well as the control structure
of the multiplexed switches.
Digital Programmable Gain (MAX11206)
The MAX11206 offers programmable gain settings that
can be digitally set to 1, 2, 4, 8, 16, 32, 64, or 128. The
DGAIN_ bits in the CTRL3 register (see Table 14) config-
ure the digital gain setting and control the input referred
gain. The MAX11206’s input range is 0V to VREF/
gain (unipolar) or ±VREF/gain (bipolar). The MAX11206
always outputs 20 bits of data. But as this is a digital
programmable gain, the noise floor remains constant,
depending on the output rate setting. At an output rate of
10sps, as shown in Figure 4, the noise floor is such that
all gain settings from 1 to 64 provide 20 bits of noise-free
resolution. A gain setting of 128 at 10sps means the LSB
is below the noise floor. The MAX11206 digital gain is
beneficial for low-voltage applications that only require a
small portion of the 0V to VREF or ±VREF ranges.
Table 4c. Data Command to Select Channel AIN3 in Figure 3
Figure 4. MAX11206 Digital Programmable Gain Example (10sps Output Rate)
Figure 3. MAX11206 GPIOs Drive an External 4-Channel
Switch (MAX313)
AIN1
AIN2
AIN3
AIN4
IN1
IN2
IN3
IN4
COM1
COM2
COM3
COM4
GPIO1
GPIO2
GPIO3
GPIO4
AINP
AINN
MAX313
LOGIC
SWITCH
0
OFF
1
ON
MAX11206
MAX313
MSB
NOISE FLOOR
REMAINS CONSTANT
AT 0.55µVRMS
BITS USED FOR GAIN = 16
BITS USED FOR GAIN = 2
BITS USED FOR GAIN = 1
SUB-LSBs
20-BIT OUTPUT DATA CYCLE
VREF = 3V
LSB
BITS USED FOR GAIN = 128
BIT
B7
B6
B5
B4
B3
B2
B1
B0
BIT NAME
DIR4
DIR3
DIR2
DIR1
DIO4
DIO3
DIO2
DIO1
VALUE
1
1
1
1
0
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com