Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11206 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX11206
Description  20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11206 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX11206 Datasheet HTML 17Page - Maxim Integrated Products MAX11206 Datasheet HTML 18Page - Maxim Integrated Products MAX11206 Datasheet HTML 19Page - Maxim Integrated Products MAX11206 Datasheet HTML 20Page - Maxim Integrated Products MAX11206 Datasheet HTML 21Page - Maxim Integrated Products MAX11206 Datasheet HTML 22Page - Maxim Integrated Products MAX11206 Datasheet HTML 23Page - Maxim Integrated Products MAX11206 Datasheet HTML 24Page - Maxim Integrated Products MAX11206 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
______________________________________________________________________________________ 21
20-Bit, Single-Channel, Ultra-Low-Power, Delta-
Sigma ADCs with Programmable Gain and GPIO
DATA: Data Register
The data register is a 24-bit read-only register. Any attempt to write data to the data register has no effect. The data
read from this register is clocked out MSB first. The data register holds the conversion result. D19 is the MSB, and D0
is the LSB. The result is stored in a format according to the FORMAT bit in the CTRL1 register.
The data format while in unipolar mode is always straight binary. In straight binary format, the most negative value is
0x00000 (VAINP - VAINN = 0V), the midscale value is 0x80000 (VAINP - VAINN = VREF/2), and the most positive value
is 0xFFFFF (VAINP - VAINN = VREF).
In bipolar mode, if the FORMAT bit = 1, then the data format is offset binary. If the FORMAT bit = 0, then the data
format is two’s complement. In two’s complement the negative full-scale value is 0x80000 (VAINP - VAINN = -VREF), the
midscale is 0x00000 (VAINP - VAINN = 0V), and the positive full scale is 0x7FFFF (VAINP - VAINN = VREF). Any input
exceeding the available input range is limited to the minimum or maximum data value.
Table 15. DATA Register (Read Only)
Table 16a. Output Data Format for the Unipolar Input Range
BIT
D19
D18
D17
D16
D15
D14
D13
D12
DEFAULT
0
0
0
0
0
0
0
0
BIT
D11
D10
D9
D8
D7
D6
D5
D4
DEFAULT
0
0
0
0
0
0
0
0
BIT
D3
D2
D1
D0
0
0
0
0
DEFAULT
0
0
0
0
0
0
0
0
INPUT VOLTAGE
VAINP - VAINN
DIGITAL OUTPUT CODE FOR UNIPOLAR RANGE
STRAIGHT BINARY FORMAT
≥ VREF
0xFFFFF
0xFFFFE
0x00001
0
0x00000
REF
20
1
V
1
2
1
× −
− 
REF
20
V
2
1
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com