Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11206 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX11206
Description  20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11206 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX11206 Datasheet HTML 18Page - Maxim Integrated Products MAX11206 Datasheet HTML 19Page - Maxim Integrated Products MAX11206 Datasheet HTML 20Page - Maxim Integrated Products MAX11206 Datasheet HTML 21Page - Maxim Integrated Products MAX11206 Datasheet HTML 22Page - Maxim Integrated Products MAX11206 Datasheet HTML 23Page - Maxim Integrated Products MAX11206 Datasheet HTML 24Page - Maxim Integrated Products MAX11206 Datasheet HTML 25Page - Maxim Integrated Products MAX11206 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
22 _____________________________________________________________________________________
20-Bit, Single-Channel, Ultra-Low-Power, Delta-
Sigma ADCs with Programmable Gain and GPIO
Table 16b. Output Data Formats for the Bipolar Input Range
Table 17. SOC Register (Read/Write)
SOC: System Offset Calibration Register
The system offset calibration register is a 24-bit read/write register. The data written/read to/from this register is clocked
in/out MSB (most significant bit) first. This register holds the system offset calibration value. The format is always in
two’s complement binary format. A write to the system-calibration register is allowed. The value written remains valid
until it is either rewritten or until an on-demand system-calibration operation is performed, which overwrites the user-
supplied value.
The system offset calibration value is subtracted from each conversion result provided the NOSYSO bit in the CTRL3
register is set to 0. The system offset calibration value is subtracted from the conversion result after self-calibration
but before system gain correction. The system offset calibration value is also applied prior to the 1x or 2x scale factor
associated with bipolar and unipolar modes.
BIT
B23
B22
B21
B20
B19
B18
B17
B16
DEFAULT
0
0
0
0
0
0
0
0
BIT
B15
B14
B13
B12
B11
B10
B9
B8
DEFAULT
0
0
0
0
0
0
0
0
BIT
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0
0
0
0
0
0
0
0
INPUT VOLTAGE
VAINP - VAINN
DIGITAL OUTPUT CODE FOR BIPOLAR RANGES
OFFSET BINARY FORMAT
TWO’S COMPLEMENT FORMAT
≥ VREF
0xFFFFF
0x7FFFF
0xFFFFE
0x7FFFE
0x80001
0x00001
0
0x80000
0x00000
0x7FFFF
0xFFFFF
0x00001
0x80001
≤ -VREF
0x00000
0x80000
REF
19
1
V
1
2
1
× −
− 
REF
19
V
2
1
−
REF
19
V
2
1
−
−
REF
19
1
V
1
2
1
−
× −
− 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com