Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11206 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11206
Description  20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11206 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11206 Datasheet HTML 1Page - Maxim Integrated Products MAX11206 Datasheet HTML 2Page - Maxim Integrated Products MAX11206 Datasheet HTML 3Page - Maxim Integrated Products MAX11206 Datasheet HTML 4Page - Maxim Integrated Products MAX11206 Datasheet HTML 5Page - Maxim Integrated Products MAX11206 Datasheet HTML 6Page - Maxim Integrated Products MAX11206 Datasheet HTML 7Page - Maxim Integrated Products MAX11206 Datasheet HTML 8Page - Maxim Integrated Products MAX11206 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
20-Bit, Single-Channel, Ultra-Low-Power, Delta-
Sigma ADCs with Programmable Gain and GPIO
19-5294; Rev 0; 8/10
General Description
The MAX11206/MAX11207 are ultra-low-power (< 300FA
active current), high-resolution, serial-output ADCs.
These devices provide the highest resolution per unit
power in the industry, and are optimized for applications
that require very high dynamic range with low power,
such as sensors on a 4mA to 20mA industrial control
loop. Optional input buffers provide isolation of the sig-
nal inputs from the switched capacitor sampling network
allowing these converters to be used with high-imped-
ance sources without compromising available dynamic
range or linearity. The devices provide a high-accuracy
internal oscillator that requires no external components.
When used with the specified data rates, the internal
digital filter provides more than 100dB rejection of 50Hz
or 60Hz line noise. The devices are configurable using
the SPI™ interface and include four GPIOs that can be
used for external mux control. The MAX11206 includes
digital programmable gain of 1 to 128.
The MAX11206/MAX11207 operate over the -40NC to
+85NC temperature range, and are available in a 16-pin
QSOP package.
Applications
Sensor Measurement (Temperature and
Pressure)
Portable Instrumentation
Battery Applications
Weigh Scales
Features
S
20-Bit Noise-Free Resolution
S
570nVRMS Noise at 10sps, ±3.6VFS Input
S
3ppm INL (typ), 10ppm (max)
S
No Missing Codes
S
Ultra-Low Power Dissipation
Operating-Mode Current Drain < 300µA (max)
Sleep-Mode Current Drain < 0.4µA
S
Programmable Gain (1 to 128) (MAX11206)
S
Four SPI-Controlled GPIOs for External Mux
Control
S
2.7V to 3.6V Analog Supply Voltage Range
S
1.7V to 3.6V Digital and I/O Supply Voltage Range
S
Fully Differential Signal and Reference Inputs
S
High-Impedance Inputs
Optional Input Buffers on Both Signal and
Reference Inputs
S
> 100dB (min) 50Hz/60Hz Rejection
S
SPI-, QSPI™-, MICROWIRE™-Compatible Serial
Interface
S
On-Demand Offset and Gain Self-Calibration and
System Calibration
S
User-Programmable Offset and Gain Registers
S
-40°C to +85°C Operating Temperature Range
S
±2kV ESD Protection
S
Lead(Pb)-Free and RoHS-Compliant QSOP
Package
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
Ordering Information
+Denotes a lead(Pb)-free/RoHS-compliant package.
Selector Guide
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX11206EEE+
-40
°C to +85°C
16 QSOP
MAX11207EEE+
-40
°C to +85°C
16 QSOP
RESOLUTION
(BITS)
4-WIRE SPI, 16-PIN QSOP,
PROGRAMMABLE GAIN
4-WIRE SPI,
16-PIN QSOP
2-WIRE SERIAL,
10-PIN µMAX
24
MAX11210
MAX11200
MAX11201 (with buffers)
MAX11202 (without buffers)
20
MAX11206
MAX11207
MAX11208
18
MAX11209
MAX11211
MAX11212
16
MAX11213
MAX11203
MAX11205


Similar Part No. - MAX11206

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11206 MAXIM-MAX11206 Datasheet
1Mb / 14P
24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11206 MAXIM-MAX11206 Datasheet
1Mb / 14P
18-Bit, Single-Channel, Ultra-Low Power, Delta-Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11206EEE MAXIM-MAX11206EEE Datasheet
1Mb / 19P
MAX11213 Evaluation Kits
Rev 0; 9/10
MAX11206EEE+ MAXIM-MAX11206EEE+ Datasheet
1Mb / 19P
On-Board Isolated Power Supplies Rejecting Power Line Noise
Rev 0; 9/10
MAX11206EEE+ MAXIM-MAX11206EEE+ Datasheet
2Mb / 27P
20-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2012
More results

Similar Description - MAX11206

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3550 MICROCHIP-MCP3550_09 Datasheet
885Kb / 36P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2009
logo
Maxim Integrated Produc...
MAX11200 MAXIM-MAX11200 Datasheet
2Mb / 27P
24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
Rev 0; 6/10
MAX11203 MAXIM-MAX11203 Datasheet
2Mb / 27P
16-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
Rev 0; 6/10
MAX11209 MAXIM-MAX11209 Datasheet
1Mb / 27P
18-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
19-5473; Rev 0; 8/10
MAX11200 MAXIM-MAX11200_12 Datasheet
1Mb / 27P
24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
Rev 1; 10/12
logo
Microchip Technology
MCP355XDV-MS1 MICROCHIP-MCP355XDV-MS1 Datasheet
885Kb / 36P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
logo
Maxim Integrated Produc...
MAX11200 MAXIM-MAX11200_V01 Datasheet
1Mb / 26P
24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
2014
MAX11203 MAXIM-MAX11203_V01 Datasheet
1Mb / 26P
16-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2014
MAX11206 MAXIM-MAX11206_V01 Datasheet
2Mb / 27P
20-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2012
MAX11209 MAXIM-MAX11209_V01 Datasheet
2Mb / 27P
18-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com