Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11206 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX11206
Description  20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11206 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX11206 Datasheet HTML 1Page - Maxim Integrated Products MAX11206 Datasheet HTML 2Page - Maxim Integrated Products MAX11206 Datasheet HTML 3Page - Maxim Integrated Products MAX11206 Datasheet HTML 4Page - Maxim Integrated Products MAX11206 Datasheet HTML 5Page - Maxim Integrated Products MAX11206 Datasheet HTML 6Page - Maxim Integrated Products MAX11206 Datasheet HTML 7Page - Maxim Integrated Products MAX11206 Datasheet HTML 8Page - Maxim Integrated Products MAX11206 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
_______________________________________________________________________________________ 5
20-Bit, Single-Channel, Ultra-Low-Power, Delta-
Sigma ADCs with Programmable Gain and GPIO
Typical Operating Characteristics
(VAVDD = 3.6V, VDVDD = 1.8V, VREFP - VREFN = 2.5V; internal clock; TA = TMIN to TMAX, unless otherwise noted. Typical values are
at TA = +25NC.)
DIGITAL SLEEP CURRENT
vs. DVDD VOLTAGE
DVDD VOLTAGE (V)
3.5
3.3
3.1
2.9
2.7
2.5
2.3
2.1
1.9
0.5
1.0
1.5
2.0
2.5
3.0
0
1.7
TA = +85°C
TA = +25°C
TA = -45°C
DIGITAL ACTIVE CURRENT
vs. DVDD VOLTAGE
DVDD VOLTAGE (V)
3.4
3.2
2.8 3.0
2.0 2.2 2.4 2.6
1.8
50
60
70
80
90
100
110
120
130
40
1.6
3.6
LINEF = 0, LINEF = 1
TA = -45°C, +25°C, +85°C
LINEF = 0
LINEF = 1
TA = +85°C
TA = -45°C
SLEEP CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
75
55
35
15
-5
-25
0.2
0.4
0.6
0.8
1.0
0
-45
95
TOTAL
DVDD
AVDD
ACTIVE SUPPLY CURRENT
vs. TEMPERATURE (LINEF = 1)
TEMPERATURE (°C)
75
55
35
15
-5
-25
50
100
150
200
250
300
0
-45
95
VDVDD = 1.8V
VAVDD = 3.0V
TOTAL
ACTIVE SUPPLY CURRENT
vs. TEMPERATURE (LINEF = 0)
TEMPERATURE (°C)
75
55
35
15
-5
-25
50
100
150
200
250
300
0
-45
95
VDVDD = 1.8V
VAVDD = 3.0V
TOTAL
ANALOG SLEEP CURRENT
vs. AVDD VOLTAGE
AVDD VOLTAGE (V)
3.4 3.5
3.3
3.2
3.1
3.0
2.9
2.8
0.2
0.4
0.6
0.8
1.0
0
2.7
3.6
TA = -45°C, +25°C, +85°C
TA = +85°C
TA = -45°C
ANALOG ACTIVE CURRENT vs. AVDD VOLTAGE
(SIGNAL AND REFERENCE BUFFERS ENABLED)
AVDD VOLTAGE (V)
3.45
3.30
3.15
3.00
2.85
180
200
220
240
260
280
160
2.70
3.60
TA = +85°C
TA = +25°C
TA = -45°C
ANALOG ACTIVE CURRENT vs. AVDD VOLTAGE
(SIGNAL OR REFERENCE BUFFERS ENABLED)
AVDD VOLTAGE (V)
3.45
3.30
3.15
3.00
2.85
140
160
180
200
220
240
260
120
2.70
3.60
SIGNAL BUFFERS
TA = +85°C
TA = +25°C
TA = -45°C
ANALOG ACTIVE CURRENT vs. AVDD VOLTAGE
(NO BUFFERS ENABLED)
AVDD VOLTAGE (V)
3.45
3.30
3.15
3.00
2.85
140
160
180
200
220
240
260
120
2.70
3.60
LINEF = 0, LINEF = 1
LINEF = 1
TA = +85°C
TA = +25°C
TA = -45°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com