Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11206 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11206
Description  20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11206 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11206 Datasheet HTML 1Page - Maxim Integrated Products MAX11206 Datasheet HTML 2Page - Maxim Integrated Products MAX11206 Datasheet HTML 3Page - Maxim Integrated Products MAX11206 Datasheet HTML 4Page - Maxim Integrated Products MAX11206 Datasheet HTML 5Page - Maxim Integrated Products MAX11206 Datasheet HTML 6Page - Maxim Integrated Products MAX11206 Datasheet HTML 7Page - Maxim Integrated Products MAX11206 Datasheet HTML 8Page - Maxim Integrated Products MAX11206 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4 ______________________________________________________________________________________
20-Bit, Single-Channel, Ultra-Low-Power, Delta-
Sigma ADCs with Programmable Gain and GPIO
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = +3.6V, VDVDD = +1.7V, VREFP - VREFN = VAVDD; internal clock, single-cycle mode (SCYCLE = 1), TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25NC under normal conditions, unless otherwise noted.)
Note 2: These specifications are not fully tested and are guaranteed by design and/or characterization.
Note 3: VAINP = VAINN.
Note 4: ppmFSR is parts per million of full scale.
Note 5: Positive full-scale error includes zero-scale errors (unipolar offset error or bipolar zero error) and applies to both unipolar
and bipolar input ranges.
Note 6: For data rates (1, 2.5, 5, 10, 15)sps and (0.83, 2.08, 4.17, 8.33, 12.5)sps.
Note 7: Normal-mode rejection of power line frequencies of 60Hz/50Hz apply only for single-cycle data rates at 15sps/10sps and
lower or continuous data rate of 60sps/50sps.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
Analog Supply
VAVDD
2.7
3.6
V
Digital Supply
VDVDD
1.7
3.6
V
Total Operating Current
AVDD + DVDD
Buffers disabled
235
300
F
A
Buffers enabled
255
AVDD Sleep Current
0.15
2
F
A
AVDD Operating Current
Buffers disabled
185
235
F
A
Buffers enabled
205
DVDD Sleep Current
0.25
2
F
A
DVDD Operating Current
50
65
F
A
SPI TIMING CHARACTERISTICS
SCLK Frequency
fSCLK
5
MHz
SCLK Clock Period
tCP
200
ns
SCLK Pulse-Width High
tCH
80
ns
SCLK Pulse-Width Low
tCL
60% duty cycle at 5MHz
80
ns
CS Low to 1st SCLK Rise Setup
tCSS0
40
ns
CS High to 17th SCLK Setup
tCSS1
40
ns
CS High After 16th SCLK
Falling Edge Hold
tCSH1
3
ns
CS Pulse-Width High
tCSW
40
ns
DIN to SCLK Setup
tDS
40
ns
DIN Hold After SCLK
tDH
0
ns
RDY/DOUT Transition Valid After
SCLK Fall
tDOT
Output transition time, data changes on fall-
ing edge of SCLK
40
ns
RDY/DOUT Remains Valid After
SCLK Fall
tDOH
Output hold time allows for negative edge
data read
3
ns
RDY/DOUT Valid Before SCLK Rise
tDOL
tDOL = tCL - tDOT
40
ns
CS Rise to RDY/DOUT Disable
tDOD
CLOAD = 20pF
25
ns
CS Fall to RDY/DOUT Valid
tDOE
Default value of RDY is 1 for minimum spec-
ification; maximum specification for valid 0
on RDY/DOUT
0
40
ns
DATA Fetch
tDF
Maximum time after RDY asserts to read
DATA register; tCNV is the time for one
conversion
0
tCNV -
60 x tCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com