Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11206 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX11206
Description  20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11206 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX11206 Datasheet HTML 10Page - Maxim Integrated Products MAX11206 Datasheet HTML 11Page - Maxim Integrated Products MAX11206 Datasheet HTML 12Page - Maxim Integrated Products MAX11206 Datasheet HTML 13Page - Maxim Integrated Products MAX11206 Datasheet HTML 14Page - Maxim Integrated Products MAX11206 Datasheet HTML 15Page - Maxim Integrated Products MAX11206 Datasheet HTML 16Page - Maxim Integrated Products MAX11206 Datasheet HTML 17Page - Maxim Integrated Products MAX11206 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
14 _____________________________________________________________________________________
20-Bit, Single-Channel, Ultra-Low-Power, Delta-
Sigma ADCs with Programmable Gain and GPIO
Figure 5. SPI Command Byte
Figure 6. SPI Register Access Write
Serial-Digital Interface
The MAX11206/MAX11207 interface is fully compatible
with SPI-, QSPI-, and MICROWIRE-standard serial inter-
faces. The SPI interface provides access to nine on-chip
registers that are 8 or 24 bits wide.
Drive CS low to transfer data in and out of the devices.
Clock in data at DIN on the rising edge of SCLK. The
RDY/DOUT output serves two functions: conversion sta-
tus and data read. To find the conversion status, assert
CS low and read the RDY/DOUT output; the conversion
is in progress if the RDY/DOUT output reads logic-high
and the conversion is complete if the RDY/DOUT output
reads logic-low. Data at RDY/DOUT changes on the
falling edge of SCLK and is valid on the rising edge of
SCLK. DIN and DOUT are transferred MSB first. Drive
CS high to force DOUT high impedance and cause
the devices to ignore any signals on SCLK and DIN.
Connect CS low for 3-wire operation. Figures 5, 6, and 7
show the SPI timing diagrams.
tCSH0
tDOE
HIGH-Z
tDOD
HIGH-Z
tCSS0
SCLK
0
X
1
1
0
CAL1
CAL0
IMPD
RATE2
RATE1
RATE0
8
DIN
tDH
tCP
tCSH1
tCSS1
tCSW
tCL tCH
tDS
CS
RDY/DOUT
tCSH0
tDOE
HIGH-Z
tDOD
HIGH-Z
tCSS0
SCLK
0
X
1
1
1
X
RS3
RS2
RS1
RS0
W/R
D7
D6
D5
D4
D3
D2
D1
D0
16
8
9
DIN
tDH
tCP
tCSH1
tCSS1
tCSW
tCL
tCH
tDS
CS
RDY/DOUT
SPI REGISTER ACCESS WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com