Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCV2G66DC Datasheet(PDF) 16 Page - NXP Semiconductors

Part # 74LVCV2G66DC
Description  Overvoltage tolerant bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVCV2G66DC Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 74LVCV2G66DC Datasheet HTML 12Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 13Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 14Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 15Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 16Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 17Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 18Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 19Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
74LVCV2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 16 June 2010
16 of 23
NXP Semiconductors
74LVCV2G66
Overvoltage tolerant bilateral switch
12. Application information
Use the 74LVCV2G66 to reduce component count and footprint in low-power portable
applications.
Typical ‘66’ devices do not have low-power enable inputs causing a high
ΔI
CC. To reduce
power consumption in portable (battery) applications, a current limiting resistor is used.
(see Figure 20a). The low-power enable inputs of the 74LVCV2G66 have much lower
ΔI
CC, eliminating the necessity of the current limiting resistor (see Figure 20b).
Fig 20. Application example
001aaa550
nZ
1 M
Ω
nY
nE
3 V
5 V
VCC
'66' device
nZ
nY
nE
3 V
5 V
(a)
(b)
VCC
74LVCV2G66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com