Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCV2G66DC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVCV2G66DC
Description  Overvoltage tolerant bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVCV2G66DC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVCV2G66DC Datasheet HTML 2Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 3Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 4Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 5Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 6Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 7Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 8Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 9Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
74LVCV2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 16 June 2010
6 of 23
NXP Semiconductors
74LVCV2G66
Overvoltage tolerant bilateral switch
10.1 Test circuits
10.2 ON resistance
[1]
All typical values are measured at Tamb = 25 °C and nominal VCC.
[2]
Flatness is defined as the difference between the maximum and minimum value of ON resistance measured at identical VCC and
temperature.
VI = GND and VO =GND or 5.5V.
VI = 5.5 V or GND and VO = open circuit.
Fig 6.
Test circuit for measuring OFF-state leakage
current
Fig 7.
Test circuit for measuring ON-state leakage
current
001aag488
IS
VI
VIL
VO
VCC
GND
nY
nZ
nE
001aag489
IS
VI
VIH
VO
VCC
GND
nY
nZ
nE
Table 8.
Resistance RON
At recommended operating conditions; voltages are referenced to GND (ground 0 V); for graphs see Figure 9 and Figure 10.
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
RON(peak)
ON resistance
(peak)
VSW =GND to VCC; VI =VIH;
see Figure 8
ISW =8mA; VCC = 2.3 V to 2.7 V
-
13
30
-
30
Ω
ISW =12mA; VCC =2.7 V
-
10
25
-
25
Ω
ISW =24mA; VCC = 3.0 V to 3.6 V
-
8.3
20
-
20
Ω
ISW =32mA; VCC = 4.5 V to 5.5 V
-
7.4
15
-
15
Ω
RON(rail)
ON resistance (rail)
VSW = GND; VI =VIH; see Figure 8
ISW =8mA; VCC = 2.3 V to 2.7 V
-
8.5
20
-
20
Ω
ISW =12mA; VCC =2.7 V
-
8.0
18
-
18
Ω
ISW =24mA; VCC = 3.0 V to 3.6 V
-
7.5
15
-
15
Ω
ISW =32mA; VCC = 4.5 V to 5.5 V
-
7.3
10
-
10
Ω
VSW =VCC; VI =VIH
ISW =8mA; VCC = 2.3 V to 2.7 V
-
8.5
20
-
20
Ω
ISW =12mA; VCC =2.7 V
-
7.2
18
-
18
Ω
ISW =24mA; VCC = 3.0 V to 3.6 V
-
6.5
15
-
15
Ω
ISW =32mA; VCC = 4.5 V to 5.5 V
-
5.7
10
-
10
Ω
RON(flat)
ON resistance
(flatness)
VSW =GND to VCC; VI =VIH
[2]
ISW =8mA; VCC =2.5 V
-
17
-
-
-
Ω
ISW =12mA; VCC =2.7 V
-
10
-
-
-
Ω
ISW =24mA; VCC =3.3 V
-
5
-
-
-
Ω
ISW =32mA; VCC =5.0 V
-
3
-
-
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com