Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCV2G66DC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVCV2G66DC
Description  Overvoltage tolerant bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVCV2G66DC Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVCV2G66DC Datasheet HTML 1Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 2Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 3Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 4Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 5Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 6Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 7Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 8Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
74LVCV2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 16 June 2010
4 of 23
NXP Semiconductors
74LVCV2G66
Overvoltage tolerant bilateral switch
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP8 package: above 55
°C the value of P
tot derates linearly with 2.5 mW/K.
For VSSOP8 package: above 110
°C the value of P
tot derates linearly with 8 mW/K.
For XSON8U package: above 118
°C the value of P
tot derates linearly with 7.8 mW/K.
9.
Recommended operating conditions
[1]
To avoid sinking GND current from terminal nZ when switch current flows in terminal nY, the voltage drop across the bidirectional switch
must not exceed 0.4 V. If the switch current flows into terminal nZ, no GND current will flow from terminal nY. In this case, there is no
limit for the voltage drop across the switch.
[2]
Applies to control signal levels.
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+6.5
V
VI
input voltage
[1]
−0.5
+6.5
V
IIK
input clamping current
VI < −0.5 V or VI >6.5 V
−50
-
mA
ISK
switch clamping current
VI < −0.5 V or VI >6.5 V
-
±50
mA
VSW
switch voltage
enable and disable mode
−0.5
+6.5
V
ISW
switch current
VSW > −0.5 V or VSW <6.5 V
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
−100
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °Cto+125 °C
[2] -
250
mW
Table 6:
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.3
-
5.5
V
VI
input voltage
0
-
5.5
V
VSW
switch voltage
enable and disable mode
[1] 0-
5.5
V
Tamb
ambient temperature
−40
-
+125
°C
Δt/ΔV
input transition rise and fall rate
VCC = 2.3 V to 2.7 V
[2] --
20
ns/V
VCC = 2.7 V to 5.5 V
[2] --
10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com