Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCV2G66DC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVCV2G66DC
Description  Overvoltage tolerant bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVCV2G66DC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVCV2G66DC Datasheet HTML 6Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 7Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 8Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 9Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 10Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 11Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 12Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 13Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
74LVCV2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 16 June 2010
10 of 23
NXP Semiconductors
74LVCV2G66
Overvoltage tolerant bilateral switch
11.1 Waveforms and test circuit
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 11. Input (nY or nZ) to output (nZ or nY) propagation delays
001aaa541
tPLH
tPHL
VM
VM
VM
VM
nY or nZ
input
nZ or nY
output
GND
VI
VOH
VOL
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 12. Enable and disable times
001aaa542
tPLZ
tPHZ
switch
disabled
switch
enabled
switch
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nE input
nY or nZ
nY or nZ
VI
VOL
VOH
VCC
VM
VM
VX
VY
VM
GND
GND
tPZL
tPZH
Table 10.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
VY
2.3 V to 2.7 V
0.5VCC
0.5VCC
VOL +0.1VCC
VOH − 0.1VCC
2.7V
1.5V
1.5V
VOL +0.3 V
VOH − 0.3 V
3.0V to 3.6V
1.5V
1.5V
VOL +0.3 V
VOH − 0.3 V
4.5 V to 5.5 V
0.5VCC
0.5VCC
VOL +0.3 V
VOH − 0.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com