Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCV2G66DC Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVCV2G66DC
Description  Overvoltage tolerant bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVCV2G66DC Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVCV2G66DC Datasheet HTML 7Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 8Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 9Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 10Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 11Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 12Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 13Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 14Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
74LVCV2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 16 June 2010
11 of 23
NXP Semiconductors
74LVCV2G66
Overvoltage tolerant bilateral switch
11.2 Additional dynamic characteristics
Test data is given in Table 11.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
VEXT = External voltage for measuring switching times.
Fig 13. Load circuit for measuring switching times
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
G
Table 11.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
2.3 V to 2.7 V
VCC
≤ 2.0ns
30pF
500
Ω
open
GND
2VCC
2.7V
2.7V
≤ 2.5ns
50pF
500
Ω
open
GND
6.0 V
3.0V to 3.6V
2.7V
≤ 2.5ns
50pF
500
Ω
open
GND
6.0 V
4.5 V to 5.5 V
VCC
≤ 2.5ns
50pF
500
Ω
open
GND
2VCC
Table 12.
Additional dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
THD
total harmonic distortion
fi = 1 kHz; RL =10kΩ; CL =50pF;
see Figure 14
VCC = 2.3 V
-
0.42
-
%
VCC = 3.0 V
-
0.36
-
%
VCC = 4.5 V
-
0.47
-
%
fi =10 kHz; RL =10kΩ; CL =50pF;
see Figure 14
VCC =2.3 V
-
0.11
-
%
VCC = 3.0 V
-
0.07
-
%
VCC = 4.5 V
-
0.01
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com