Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCV2G66DC Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74LVCV2G66DC
Description  Overvoltage tolerant bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVCV2G66DC Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74LVCV2G66DC Datasheet HTML 8Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 9Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 10Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 11Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 12Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 13Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 14Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 15Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
74LVCV2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 16 June 2010
12 of 23
NXP Semiconductors
74LVCV2G66
Overvoltage tolerant bilateral switch
f(−3dB)
−3 dB frequency response
RL =600 Ω; CL =50 pF;
see Figure 15
VCC =2.3 V
-
160
-
MHz
VCC =3.0 V
-
200
-
MHz
VCC =4.5 V
-
210
-
MHz
RL =50 Ω; CL = 5 pF; see Figure 15
VCC =2.3 V
-
180
-
MHz
VCC =3.0 V
-
180
-
MHz
VCC =4.5 V
-
180
-
MHz
α
iso
isolation (OFF-state)
RL =600 Ω; CL =50 pF; fi = 1 MHz;
see Figure 16
VCC =2.3 V
-
−65
-
dB
VCC =3.0 V
-
−65
-
dB
VCC =4.5 V
-
−62
-
dB
RL =50 Ω; CL =5pF; fi =1MHz;
see Figure 16
VCC =2.3 V
-
−37
-
dB
VCC =3.0 V
-
−36
-
dB
VCC =4.5 V
-
−36
-
dB
Vct
crosstalk voltage
between digital inputs and switch;
RL =600 Ω; CL =50 pF; fi = 1 MHz;
tr =tf = 2 ns; see Figure 17
VCC =2.3 V
-
91
-
mV
VCC =3.0 V
-
119
-
mV
VCC =4.5 V
-
205
-
mV
Xtalk
crosstalk
between switches; RL = 600 Ω;
CL =50pF; fi = 1 MHz; see Figure 18
VCC =2.3 V
-
−56
-
dB
VCC =3.0 V
-
−55
-
dB
VCC =4.5 V
-
−55
-
dB
between switches; RL =50 Ω;
CL =5pF; fi = 1 MHz; see Figure 18
VCC =2.3 V
-
−29
-
dB
VCC =3.0 V
-
−28
-
dB
VCC =4.5 V
-
−28
-
dB
Qinj
charge injection
CL = 0.1 nF; Vgen =0V; Rgen =0 Ω;
fi = 1 MHz; RL =1 MΩ; see Figure 19
VCC = 2.5 V
-
< 0.003 -
pC
VCC = 3.3 V
-
0.003
-
pC
VCC = 4.5 V
-
0.0035
-
pC
VCC = 5.5 V
-
0.0035
-
pC
Table 12.
Additional dynamic characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com