Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCV2G66DC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVCV2G66DC
Description  Overvoltage tolerant bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVCV2G66DC Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVCV2G66DC Datasheet HTML 1Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 2Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 3Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 4Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 5Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 6Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 7Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 8Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
74LVCV2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 16 June 2010
2 of 23
NXP Semiconductors
74LVCV2G66
Overvoltage tolerant bilateral switch
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVCV2G66DP
−40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74LVCV2G66DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74LVCV2G66GD
−40 °C to +125 °C
XSON8U
plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3
× 2 × 0.5 mm
SOT996-2
Table 2.
Marking codes
Type number
Marking code[1]
74LVCV2G66DP
Y66
74LVCV2G66DC
Y66
74LVCV2G66GD
Y66
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aaa530
2Y
2E
2Z
1Z
1Y
1E
001aaa531
2
1
1
X1
1
1
X1
7#
#
1
6
3
5
Fig 3.
Logic diagram (one switch)
001aaa532
Y
VCC
Z
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com