Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6401RT-E/ST Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP6401RT-E/ST
Description  1 MHz, 45 關A Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6401RT-E/ST Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP6401RT-E/ST Datasheet HTML 29Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 30Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 31Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 32Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 33Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 34Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 35Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 36Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
© 2010 Microchip Technology Inc.
DS22229B-page 33
MCP6401/1R/1U/2/4
APPENDIX A: REVISION HISTORY
Revision B (June 2010)
The following is the list of modifications:
1.
Added the MCP6402 and MCP6404 package
information.
2.
Updated the ESD protection value on all pins in
Section 1.1 “Absolute Maximum Ratings †”.
3.
Added Figure 2-33.
4.
Updated Table 3-1.
5.
Updated
Section 4.1.2 “Input Voltage Limits”.
6.
Added
Section 4.1.3 “Input Current Limits”.
7.
Added
Section 4.5 “Unused Op Amps”.
8.
Updated
Section 5.5 “Analog Demonstration
and Evaluation Boards”.
9.
Updated the package markings information and
drawings.
10. Updated the Product Identification System
page.
Revision A (December 2009)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com