Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6401RT-E/ST Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP6401RT-E/ST
Description  1 MHz, 45 關A Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6401RT-E/ST Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP6401RT-E/ST Datasheet HTML 11Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 12Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 13Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 14Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 15Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 16Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 17Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 18Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
© 2010 Microchip Technology Inc.
DS22229B-page 15
MCP6401/1R/1U/2/4
The easiest way to reduce surface leakage is to use a
guard ring around sensitive pins (or traces). The guard
ring is biased at the same voltage as the sensitive pin.
An example of this type of layout is shown in
Figure 4-7.
FIGURE 4-7:
Example Guard Ring Layout
for Inverting Gain.
1.
Non-inverting Gain and Unity-Gain Buffer:
a)
Connect the non-inverting pin (VIN+) to the
input with a wire that does not touch the
PCB surface.
b)
Connect the guard ring to the inverting input
pin (VIN–). This biases the guard ring to the
Common Mode input voltage.
2.
Inverting
Gain
and
Transimpedance
Gain
Amplifiers (convert current to voltage, such as
photo detectors):
a)
Connect the guard ring to the non-inverting
input pin (VIN+). This biases the guard ring
to the same reference voltage as the op
amp (e.g., VDD/2 or ground).
b)
Connect the inverting pin (VIN–) to the input
with a wire that does not touch the PCB
surface.
4.7
Application Circuits
4.7.1
PRECISION HALF-WAVE
RECTIFIER
The precision half-wave rectifier, which is also known
as a super diode, is a configuration obtained with an
operational amplifier in order to have a circuit behaving
like an ideal diode and rectifier. It effectively cancels the
forward voltage drop of the diode so that very low level
signals can still be rectified with minimal error. This can
be useful for high-precision signal processing. The
MCP6401/1R/1U/2/4
op
amps
have
high
input
impedance, low input bias current and rail-to-rail input/
output, which makes this device suitable for precision
rectifier applications.
Figure 4-8 shows a precision half-wave rectifier and its
transfer characteristic. The rectifier’s input impedance
is determined by the input resistor R1. To avoid loading
effect, it must be driven from a low impedance source.
When VIN is greater than zero, D1 is OFF, D2 is ON, and
VOUT is zero. When VIN is less than zero, D1 is ON, D2
is OFF, and VOUT is the VIN with an amplification of -R2/
R1.
The rectifier circuit shown in Figure 4-8 has the benefit
that the op amp never goes in saturation, so the only
thing
affecting
its
frequency
response
is
the
amplification and the gain bandwidth product.
.
FIGURE 4-8:
Precision Half-Wave
Rectifier.
Guard Ring
VIN–VIN+
VSS
VOUT
R2
D1
D2
R1
VIN
VOUT
VIN
-R2/R1
Transfer Characteristic
Precision Half-Wave Rectifier
MCP6401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com