Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6401RT-E/ST Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6401RT-E/ST
Description  1 MHz, 45 關A Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6401RT-E/ST Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6401RT-E/ST Datasheet HTML 9Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 10Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 11Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 12Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 13Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 14Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 15Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 16Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
© 2010 Microchip Technology Inc.
DS22229B-page 13
MCP6401/1R/1U/2/4
4.0
APPLICATION INFORMATION
The MCP6401/1R/1U/2/4 family of op amps is
manufactured using Microchip’s state-of-the-art CMOS
process and is specifically designed for low-power,
high precision applications.
4.1
Rail-to-Rail Input
4.1.1
PHASE REVERSAL
The MCP6401/1R/1U/2/4 op amps are designed to
prevent phase reversal when the input pins exceed the
supply voltages. Figure 2-30 shows the input voltage
exceeding the supply voltage with no phase reversal.
4.1.2
INPUT VOLTAGE LIMITS
In order to prevent damage and/or improper operation
of these amplifiers, the circuit must limit the voltages at
the input pins (see
Section 1.1 “Absolute Maximum
Ratings †”).
The ESD protection on the inputs can be depicted as
shown in Figure 4-1. This structure was chosen to
protect the input transistors against many (but not all)
over-voltage conditions, and to minimize the input bias
current (IB).
FIGURE 4-1:
Simplified Analog Input ESD
Structures.
The input ESD diodes clamp the inputs when they try
to go more than one diode drop below VSS. They also
clamp any voltages that go well above VDD; their
breakdown voltage is high enough to allow normal
operation, but not low enough to protect against slow
over-voltage (beyond VDD) events. Very fast ESD
events (that meet the spec) are limited so that damage
does not occur.
In some applications, it may be necessary to prevent
excessive voltages from reaching the op amp inputs;
Figure 4-2 shows one approach to protecting these
inputs.
FIGURE 4-2:
Protecting the Analog
Inputs.
A significant amount of current can flow out of the
inputs when the Common Mode voltage (VCM) is below
ground (VSS); See Figure 2-32.
4.1.3
INPUT CURRENT LIMITS
In order to prevent damage and/or improper operation
of these amplifiers, the circuit must limit the currents
into the input pins (see
Section 1.1 “Absolute
Maximum Ratings †”).
Figure 4-3 shows one approach to protecting these
inputs. The resistors R1 and R2 limit the possible
currents in or out of the input pins (and the ESD diodes,
D1 and D2). The diode currents will go through either
VDD or VSS.
FIGURE 4-3:
Protecting the Analog
Inputs.
4.1.4
NORMAL OPERATION
The input stage of the MCP6401/1R/1U/2/4 op amps
uses two differential input stages in parallel. One oper-
ates at a low Common Mode input voltage (VCM), while
the other operates at a high VCM. With this topology,
the device operates with a VCM up to 300 mV above
VDD and 300 mV below VSS. (See Figure 2-11). The
input offset voltage is measured at VCM = VSS –0.3V
and VDD + 0.3V to ensure proper operation.
The transition between the input stages occurs when
VCM is near VDD –1.1V (See Figures 2-3 and 2-4). For
the best distortion performance and gain linearity, with
non-inverting gains, avoid this region of operation.
Bond
Pad
Bond
Pad
Bond
Pad
VDD
VIN+
VSS
Input
Stage
Bond
Pad
VIN–
V1
VDD
D1
V2
D2
MCP640x
VOUT
U1
V1
R1
VDD
D1
min(R1,R2)>
VSS –min(V1, V2)
2mA
V2
R2
D2
MCP640x
VOUT
U1
min(R1,R2)>
max(V1,V2)– VDD
2mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com