Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6401RT-E/ST Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP6401RT-E/ST
Description  1 MHz, 45 關A Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6401RT-E/ST Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP6401RT-E/ST Datasheet HTML 2Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 3Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 4Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 5Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 6Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 7Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 8Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 9Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
MCP6401/1R/1U/2/4
DS22229B-page 6
© 2010 Microchip Technology Inc.
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.8V to +6.0V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 100 kΩ to VL and CL = 60 pF.
FIGURE 2-7:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-8:
Input Noise Voltage Density
vs. Common Mode Input Voltage.
FIGURE 2-9:
CMRR, PSRR vs.
Frequency.
FIGURE 2-10:
CMRR, PSRR vs. Ambient
Temperature.
FIGURE 2-11:
Common Mode Input
Voltage Range Limits vs. Ambient Temperature.
FIGURE 2-12:
Input Bias, Offset Current
vs. Ambient Temperature.
10
100
1,000
0.1
1
10
100
1000
10000
100000
Frequency (Hz)
0.1
1
10
100
1k
10k
100k
0
5
10
15
20
25
30
35
40
Common Mode Input Voltage (V)
f = 1 kHz
VDD = 6.0 V
20
30
40
50
60
70
80
90
100
10
100
1000
10000
100000 1000000
Frequency (Hz)
10
100
1k
10k
100k
1M
CMRR
PSRR+
PSRR-
Representative Part
50
55
60
65
70
75
80
85
90
-50
-25
0
255075
100
125
Ambient Temperature (°C)
PSRR (VDD = 1.8V to 6.0V, VCM = VSS)
CMRR (VDD = 6.0V, VCM = -0.3V to 6.3V)
CMRR (VDD = 1.8V, VCM = -0.2V to 2.0V)
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VCMR_L - VSS @ VDD = 1.8V
VCMR_L - VSS @ VDD = 6.0V
VCMR_H - VDD @ VDD = 6.0V
VCMR_H - VDD @ VDD = 1.8V
1
10
100
1000
10000
25 35 45
55 65 75
85
95 105 115 125
Ambient Temperature (°C)
Input Bias Current
Input Offset Current
VDD = 6.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com