Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6401RT-E/ST Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6401RT-E/ST
Description  1 MHz, 45 關A Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6401RT-E/ST Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6401RT-E/ST Datasheet HTML 4Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 5Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 6Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 7Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 8Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 9Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 10Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 11Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
MCP6401/1R/1U/2/4
DS22229B-page 8
© 2010 Microchip Technology Inc.
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.8V to +6.0V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 100 kΩ to VL and CL = 60 pF.
FIGURE 2-19:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-20:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-21:
Output Short Circuit Current
vs. Power Supply Voltage.
FIGURE 2-22:
Output Voltage Swing vs.
Frequency.
FIGURE 2-23:
Output Voltage Headroom
vs. Output Current.
FIGURE 2-24:
Output Voltage Headroom
vs. Ambient Temperature.
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
-50
-25
0
25
50
75
100 125
Ambient Temperature (°C)
45
50
55
60
65
70
75
80
85
90
Gain Bandwidth Product
Phase Margin
VDD = 6.0V
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
-50
-25
0
25
50
75
100 125
Ambient Temperature (°C)
45
50
55
60
65
70
75
80
85
90
Gain Bandwidth Product
Phase Margin
VDD = 1.8V
0
5
10
15
20
25
30
Power Supply Voltage (V)
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
0.1
1
10
100
1000
10000
100000
1000000
Frequency (Hz)
VDD = 1.8V
VDD = 6.0V
100
1k
10k
100k
1M
0.1
1
10
100
1000
10
100
1000
10000
Output Current (mA)
0.01
0.1
1
10
VDD - VOH @ VDD = 1.8V
VOL - VSS @ VDD = 1.8V
VDD - VOH @ VDD = 6.0V
VOL - VSS @ VDD = 6.0V
RL = 10 kΩ
0
2
4
6
8
10
12
14
16
18
20
22
24
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD - VOH @ VDD = 1.8V
VOL - VSS @ VDD = 1.8V
VDD - VOH @ VDD = 6.0V
VOL - VSS@ VDD = 6.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com