Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6401RT-E/ST Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP6401RT-E/ST
Description  1 MHz, 45 關A Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6401RT-E/ST Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP6401RT-E/ST Datasheet HTML 10Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 11Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 12Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 13Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 14Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 15Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 16Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 17Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
MCP6401/1R/1U/2/4
DS22229B-page 14
© 2010 Microchip Technology Inc.
4.2
Rail-to-Rail Output
The output voltage range of the MCP6401/1R/1U/2/4
op amps is VSS + 20 mV (minimum) and VDD – 20 mV
(maximum) when RL =10kΩ is connected to VDD/2
and VDD = 6.0V. Refer to Figures 2-23 and 2-24 for
more information.
4.3
Capacitive Loads
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response, with overshoot and ringing in the step
response. While a unity-gain buffer (G = +1 V/V) is the
most sensitive to capacitive loads, all gains show the
same general behavior.
When driving large capacitive loads with these op
amps (e.g., > 100 pF when G = +1 V/V), a small series
resistor at the output (RISO in Figure 4-4) improves the
feedback loop’s phase margin (stability) by making the
output load resistive at higher frequencies. The
bandwidth will be generally lower than the bandwidth
with no capacitance load.
FIGURE 4-4:
Output Resistor, RISO
Stabilizes Large Capacitive Loads.
Figure 4-5
gives
recommended RISO values for
different capacitive loads and gains. The x-axis is the
normalized load capacitance (CL/GN), where GN is the
circuit's noise gain. For non-inverting gains, GN and the
Signal Gain are equal. For inverting gains, GN is
1+|Signal Gain| (e.g., -1 V/V gives GN = +2 V/V).
FIGURE 4-5:
Recommended RISO Values
for Capacitive Loads.
After selecting RISO for your circuit, double-check the
resulting
frequency
response
peaking
and
step
response overshoot. Modify RISO’s value until the
response
is
reasonable.
Bench
evaluation
and
simulations with the MCP6401/1R/1U/2/4 SPICE
macro model are very helpful.
4.4
Supply Bypass
With this family of operational amplifiers, the power
supply pin (VDD for single-supply) should have a local
bypass capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm
for good high frequency performance. It can use a bulk
capacitor (i.e., 1 µF or larger) within 100 mm to provide
large, slow currents. This bulk capacitor can be shared
with other analog parts.
4.5
Unused Op Amps
An unused op amp in a quad package (MCP6404)
should be configured as shown in Figure 4-6. These
circuits prevent the output from toggling and causing
crosstalk. Circuits A sets the op amp at its minimum
noise gain. The resistor divider produces any desired
reference voltage within the output voltage range of the
op amp; the op amp buffers that reference voltage.
Circuit B uses the minimum number of components
and operates as a comparator, but it may draw more
current.
FIGURE 4-6:
Unused Op Amps.
4.6
PCB Surface Leakage
In applications where low input bias current is critical,
Printed Circuit Board (PCB) surface leakage effects
need to be considered. Surface leakage is caused by
humidity, dust or other contamination on the board.
Under low humidity conditions, a typical resistance
between nearby traces is 1012
Ω. A 5V difference would
cause 5 pA of current to flow; which is greater than the
MCP6401/1R/1U/2/4 family’s bias current at +25°C
(±1.0 pA, typical).
VIN
RISO
VOUT
CL
–
+
MCP640x
1
10
100
1000
10000
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
Normalized Load Capacitance; CL/GN (F)
GN:
1 V/V
2 V/V
≥ 5 V/V
VDD = 6.0 V
RL = 10 kΩ
10p
100p
1n
10n
0.1µ
1µ
VDD
VDD
¼ MCP6404 (A)
¼ MCP6404 (B)
R1
R2
VDD
VREF
V
REF
V
DD
R
2
R
1
R
2
+
------------------
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com