Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6401RT-E/ST Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6401RT-E/ST
Description  1 MHz, 45 關A Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6401RT-E/ST Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6401RT-E/ST Datasheet HTML 3Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 4Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 5Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 6Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 7Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 8Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 9Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 10Page - Microchip Technology MCP6401RT-E/ST Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
© 2010 Microchip Technology Inc.
DS22229B-page 7
MCP6401/1R/1U/2/4
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.8V to +6.0V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 100 kΩ to VL and CL = 60 pF.
FIGURE 2-13:
Input Bias Current vs.
Common Mode Input Voltage.
FIGURE 2-14:
Quiescent Current vs.
Ambient Temperature.
FIGURE 2-15:
Quiescent Current vs.
Power Supply Voltage.
FIGURE 2-16:
Open-Loop Gain, Phase vs.
Frequency.
FIGURE 2-17:
DC Open-Loop Gain vs.
Power Supply Voltage.
FIGURE 2-18:
DC Open-Loop Gain vs.
Output Voltage Headroom.
1
10
100
1000
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Common Mode Input Voltage (V)
VDD = 6.0V
TA = +125°C
TA = +85°C
20
25
30
35
40
45
50
55
60
65
70
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VCM = 0.2VDD
VDD = 6.0V
VDD = 5.0V
VDD = 1.8V
0
10
20
30
40
50
60
70
Power Supply Voltage (V)
VCM = 0.2VDD
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
-20
0
20
40
60
80
100
120
1.0E-01
1.0E+00 1.0E+01 1.0E+02 1.0E+03 1.0E+04 1.0E+05 1.0E+06 1.0E+07
Frequency (Hz)
-210
-180
-150
-120
-90
-60
-30
0
Open-Loop Gain
Open-Loop Phase
VDD = 6.0V
0.1
1
10 100 1k 10k 100k 1M 10M
100
105
110
115
120
125
130
135
140
145
150
1.52.0
2.53.0
3.5
4.0
4.55.0 5.56.0
Power Supply Voltage (V)
RL = 10 kΩ
VSS + 0.3V < VOUT < VDD - 0.3V
100
105
110
115
120
125
130
135
140
145
150
0.00
0.05
0.10
0.15
0.20
0.25
Output Voltage Headroom
VDD - VOH or VOL-VSS (V)
VDD = 6.0V
VDD = 1.8V
Large Signal AOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com