Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 264 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 264 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 260Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 261Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 262Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 263Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 264Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 265Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 266Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 267Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 268Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 264
Preliminary
 2010 Microchip Technology Inc.
FIGURE 16-2:
EUSART RECEIVE BLOCK DIAGRAM
The operation of the EUSART module is controlled
through three registers:
• Transmit Status and Control (TXSTAx)
• Receive Status and Control (RCSTAx)
• Baud Rate Control (BAUDCONx)
These
registers
are
detailed
in
Register 16-1,
Register 16-2 and Register 16-3, respectively.
For all modes of EUSART operation, the TRIS control
bits corresponding to the RXx/DTx and TXx/CKx pins
should be set to ‘1’. The EUSART control will
automatically reconfigure the pin from input to output, as
needed.
When the receiver or transmitter section is not enabled
then the corresponding RXx/DTx or TXx/CKx pin may be
used for general purpose input and output.
RXx/DTx pin
Pin Buffer
and Control
Data
Recovery
CREN
OERR
FERR
RSR Register
MSb
LSb
RX9D
RCREGx Register
FIFO
Interrupt
RCxIF
RCxIE
Data Bus
8
Stop
START
(8)
7
1
0
RX9
• • •
SPBRGx
SPBRGHx
BRG16
RCIDL
FOSC
÷ n
n
+ 1
Multiplier
x4
x16 x64
SYNC
1X00
0
BRGH
X110
0
BRG16
X101
0
Baud Rate Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com