Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 266 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 266 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 262Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 263Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 264Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 265Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 266Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 267Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 268Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 269Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 270Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 266
Preliminary
 2010 Microchip Technology Inc.
16.1.1.5
TSR Status
The TRMT bit of the TXSTAx register indicates the
status of the TSR register. This is a read-only bit. The
TRMT bit is set when the TSR register is empty and is
cleared when a character is transferred to the TSR
register from the TXREGx. The TRMT bit remains clear
until all bits have been shifted out of the TSR register.
No interrupt logic is tied to this bit, so the user needs to
poll this bit to determine the TSR status.
16.1.1.6
Transmitting 9-Bit Characters
The EUSART supports 9-bit character transmissions.
When the TX9 bit of the TXSTAx register is set the
EUSART will shift 9 bits out for each character transmit-
ted. The TX9D bit of the TXSTAx register is the ninth,
and Most Significant, data bit. When transmitting 9-bit
data, the TX9D data bit must be written before writing
the 8 Least Significant bits into the TXREGx. All nine
bits of data will be transferred to the TSR shift register
immediately after the TXREGx is written.
A special 9-bit Address mode is available for use with
multiple receivers. See Section 16.1.2.8 “Address
Detection” for more information on the Address mode.
16.1.1.7
Asynchronous Transmission Set-up:
1.
Initialize the SPBRGHx:SPBRGx register pair
and the BRGH and BRG16 bits to achieve the
desired baud rate (see Section 16.3 “EUSART
Baud Rate Generator (BRG)”).
2.
Set the RXx/DTx and TXx/CKx TRIS controls to
‘1’.
3.
Enable the asynchronous serial port by clearing
the SYNC bit and setting the SPEN bit.
4.
If 9-bit transmission is desired, set the TX9 con-
trol bit. A set ninth data bit will indicate that the 8
Least Significant data bits are an address when
the receiver is set for address detection.
5.
Set the CKTXP control bit if inverted transmit
data polarity is desired.
6.
Enable the transmission by setting the TXEN
control bit. This will cause the TXxIF interrupt bit
to be set.
7.
If interrupts are desired, set the TXxIE interrupt
enable bit. An interrupt will occur immediately
provided that the GIE/GIEH and PEIE/GIEL bits
of the INTCON register are also set.
8.
If 9-bit transmission is selected, the ninth bit
should be loaded into the TX9D data bit.
9.
Load 8-bit data into the TXREGx register. This
will start the transmission.
FIGURE 16-3:
ASYNCHRONOUS TRANSMISSION
Note:
The TSR register is not mapped in data
memory, so it is not available to the user.
Word 1
Stop bit
Word 1
Transmit Shift Reg
Start bit
bit 0
bit 1
bit 7/8
Write to TXREGx
Word 1
BRG Output
(Shift Clock)
TXx/CKx
TXxIF bit
(Transmit Buffer
Reg. Empty Flag)
TRMT bit
(Transmit Shift
Reg. Empty Flag)
1 TCY
pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com