Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 276 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 276 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 272Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 273Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 274Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 275Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 276Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 277Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 278Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 279Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 280Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 276
Preliminary
 2010 Microchip Technology Inc.
TABLE 16-4:
REGISTERS ASSOCIATED WITH BAUD RATE GENERATOR
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on Page
BAUDCON1
ABDOVF
RCIDL
DTRXP
CKTXP
BRG16
—
WUE
ABDEN
274
BAUDCON2
ABDOVF
RCIDL
DTRXP
CKTXP
BRG16
—
WUE
ABDEN
274
PMD0
UART2MD
UART1MD
TMR6MD TMR5MD
TMR4MD
TMR3MD TMR2MD TMR1MD
56
RCSTA1
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
273
RCSTA2
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
273
SPBRG1
EUSART1 Baud Rate Generator, Low Byte
—
SPBRGH1
EUSART1 Baud Rate Generator, High Byte
—
SPBRG2
EUSART2 Baud Rate Generator, Low Byte
—
SPBRGH2
EUSART2 Baud Rate Generator, High Byte
—
PIR1
—
ADIF
RC1IF
TX1IF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
118
PIR3
SSP2IF
BCL2IF
RC2IF
TX2IF
CTMUIF
TMR5GIF TMR3GIF TMR1GIF
120
TXSTA1
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
272
TXSTA2
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
272
Legend:
— = unimplemented, read as ‘0’. Shaded bits are not used by the BRG.
TABLE 16-5:
BAUD RATES FOR ASYNCHRONOUS MODES
BAUD
RATE
SYNC = 0, BRGH = 0, BRG16 = 0
FOSC = 64.000 MHz
FOSC = 18.432 MHz
FOSC = 16.000 MHz
FOSC = 11.0592 MHz
Actual
Rate
%
Error
SPBRxG
value
(decimal)
Actual
Rate
%
Error
SPBRGx
value
(decimal)
Actual
Rate
%
Error
SPBRGx
value
(decimal)
Actual
Rate
%
Error
SPBRGx
value
(decimal)
300
—
—
—
—
—
—
—
—
—
—
—
—
1200
——
—
1200
0.00
239
1202
0.16
207
1200
0.00
143
2400
——
—
2400
0.00
119
2404
0.16
103
2400
0.00
71
9600
9615
0.16
103
9600
0.00
29
9615
0.16
25
9600
0.00
17
10417
10417
0.00
95
10286
-1.26
27
10417
0.00
23
10165
-2.42
16
19.2k
19.23k
0.16
51
19.20k
0.00
14
19.23k
0.16
12
19.20k
0.00
8
57.6k
58.82k
2.12
16
57.60k
0.00
7
——
—
57.60k
0.00
2
115.2k
111.11k
-3.55
8
—
—
—
—
—
—
—
—
—
BAUD
RATE
SYNC = 0, BRGH = 0, BRG16 = 0
FOSC = 8.000 MHz
FOSC = 4.000 MHz
FOSC = 3.6864 MHz
FOSC = 1.000 MHz
Actual
Rate
%
Error
SPBRGx
value
(decimal)
Actual
Rate
%
Error
SPBRGx
value
(decimal)
Actual
Rate
%
Error
SPBRGx
value
(decimal)
Actual
Rate
%
Error
SPBRGx
value
(decimal)
300
—
—
—
300
0.16
207
300
0.00
191
300
0.16
51
1200
1202
0.16
103
1202
0.16
51
1200
0.00
47
1202
0.16
12
2400
2404
0.16
51
2404
0.16
25
2400
0.00
23
—
—
—
9600
9615
0.16
12
—
—
—
9600
0.00
5
—
—
—
10417
10417
0.00
11
10417
0.00
5
—
—
—
—
—
—
19.2k
—
—
—
—
—
—
19.20k
0.00
2
—
—
—
57.6k
—
—
—
—
—
—
57.60k
0.00
0
—
—
—
115.2k
—
—
—
—
—
—
—
—
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com